Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMA321 Datasheet (PDF) - NXP Semiconductors

KMA321 Datasheet PDF - NXP Semiconductors
Part # KMA321
Download  KMA321 Download
File Size   1236.12 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Programmable angle sensor IC

KMA321 Datasheet (PDF)

Go To PDF Page Download Datasheet
KMA321 Datasheet PDF - NXP Semiconductors

Part # KMA321
Download  KMA321 Click to download

File Size   1236.12 Kbytes
Page   71 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Programmable angle sensor IC

KMA321 Datasheet (HTML) - NXP Semiconductors


KMA321 Product details

General description
The KMA321/A is a single channel magnetic angle sensor. Magnetoresistive (MR)
sensor bridges and mixed signal IC are integrated into a single package. The module
has integrated filters and is optimized for PCB-less designs. The IC allows user-specific
adjustments of angular range, zero angle, and clamping voltages. The settings are
stored permanently in a non-volatile memory (NVM). The programmable angle sensor is
pre-programmed, pre-calibrated and therefore, ready to use.

Features and benefits
• High precision sensor for magnetic angular
measurement
• Single package sensor module with
integrated filters for improved electromagnetic
compatibility (EMC)
• Automotive qualified in accordance with
AEC-Q100 Rev-H
• Programmable user adjustments, e.g. zero
angle and angular range
• Fail-safe non-volatile memory with write
protection using lock bit
• Independent from magnetic field strength
above 25 kA/m
• Module ready to use without external
components
• Factory calibrated
• Separate temperature sensor and auxiliary
analog-to-digital converter (ADC) for magnetic
field conversion check
• High temperature range up to 180 °C
• Ratiometric analog output voltage or push pull
output stage compliant with SAE J2716 SENT
using pulse shaping
• Overvoltage protection up to 18 V
• Power-loss detection
• Programming via one-wire interface (OWI)
• 8 × 12-bit original equipment manufacturer
(OEM) code registers for identification (ID)
• ISO 26262 ASIL-C capable, safety element
out of context (SEooC)
• Multipoint calibration (MPC) with
17 equidistant or seven free selectable
calibration points
• Low latency




Similar Part No. - KMA321

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA321 NXP-KMA321 Datasheet
986Kb / 71P
Programmable angle sensor IC
Rev. 3-28 January 2019
More results


Similar Description - KMA321

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT310 QUANTUM-QT310 Datasheet
829Kb / 20P
PROGRAMMABLE CAPACITANCE SENSOR IC
logo
NXP Semiconductors
KMA200 PHILIPS-KMA200 Datasheet
135Kb / 31P
Programmable angle sensor
Rev. 05-16 August 2005
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
Programmable angle sensor
Rev. 01-18 October 2007
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
Programmable angle sensor
Rev. 1-16 July 2013
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
Programmable angle sensor
Rev. 2-7 December 2011
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
Programmable angle sensor IC
Rev. 3-27 February 2019
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA321 NXP-KMA321 Datasheet
986Kb / 71P
Programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com