Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9745B Datasheet (PDF) - NXP Semiconductors

PCA9745B Datasheet PDF - NXP Semiconductors
Part # PCA9745B
Download  PCA9745B Download
File Size   1695.89 Kbytes
Page   48 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-channel SPI serial bus 57 mA/20 V constant current LED driver

PCA9745B Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9745B Datasheet PDF - NXP Semiconductors

Part # PCA9745B
Download  PCA9745B Click to download

File Size   1695.89 Kbytes
Page   48 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16-channel SPI serial bus 57 mA/20 V constant current LED driver

PCA9745B Datasheet (HTML) - NXP Semiconductors


PCA9745B Product details

General description
The PCA9745B is a daisy-chain SPI-compatible 4-wire serial bus controlled 16-channel
constant current LED driver optimized for dimming and blinking 57 mA
Red/Green/Blue/Amber (RGBA) LEDs in amusement products. Each LED output has its
own 8-bit resolution (256 steps) fixed frequency individual PWM controller that operates at
31.25 kHz with a duty cycle that is adjustable from 0 % to 100 % to allow the LED to be
set to a specific brightness value. An additional 8-bit resolution (256 steps) group PWM
controller has both a fixed frequency of 122 Hz and an adjustable frequency between
15 Hz to once every 16.8 seconds with a duty cycle that is adjustable from 0 % to 99.6 %
that is used to either dim or blink all LEDs with the same value.
Each LED output can be off, on (no PWM control), set at its individual PWM controller
value or at both individual and group PWM controller values. The PCA9745B operates
with a supply voltage range of 3 V to 5.5 V and the constant current sink LED outputs
allow up to 20 V for the LED supply. The output peak current is adjustable with an 8-bit
linear DAC from 225 A to 57 mA.
Gradation control for all current sources is achieved via the 4-wire serial bus interface and
allows user to ramp current automatically without MCU intervention. 8-bit DACs are
available to adjust brightness levels for each LED current source. There are four
selectable gradation control groups and each group has independently four registers to
control ramp-up and ramp-down rate, step time, hold ON/OFF time and final hold ON
output current. Two gradation operation modes are available for each group, one is single
shot mode (output pattern once) and the other is continuous mode (output pattern repeat).
Each channel can be set to either gradation mode or normal mode and assigned to any
one of these four gradation control groups.
This device has built-in open, short load and overtemperature detection circuitry. The error
information from the corresponding register can be read via the 4-wire serial bus.
Additionally, a thermal shutdown feature protects the device when internal junction
temperature exceeds the limit allowed for the process.
The PCA9745B device is designed to use 4-wire read/write serial bus with higher data
clock frequency (up to 25 MHz).
The active LOW output enable input pin (OE) blinks all the LED outputs and can be used
to externally PWM the outputs, which is useful when multiple devices need to be dimmed
or blinked together without using software control.

Features and benefits
 16 LED drivers. Each output programmable at:
 Off
 On
 Programmable LED brightness
 Programmable group dimming/blinking mixed with individual LED brightness
 Programmable LED output delay to reduce EMI and surge currents
 Gradation control for all channels
 Each channel can assign to one of four gradation control groups
 Programmable gradation time and rate for ramp-up and/or ramp-down operations
 Programmable step time (6-bit) from 0.5 ms (minimum) to 512 ms (maximum)
 Programmable hold-on time after ramp-up and hold-off time after ramp-down (3-bit)
from 0 s to 6 s
 Programmable final ramp-up and hold-on current
 Programmable brightness current output adjustment, either linear or exponential
curve
 16 constant current output channels can sink up to 57 mA, tolerate up to 20 V when
OFF
 Output current adjusted through an external resistor (Rext input)
 Output current accuracy
 4 % between output channels
 6 % between PCA9745B devices
 Open/short load/overtemperature detection mode to detect individual LED errors (Rext
< 3 kΩ)
 4-wire serial bus interface with 25 MHz data clock rate
 256-step (8-bit) linear programmable brightness per LED output varying from fully off
(default) to maximum brightness fully ON using a 31.25 kHz PWM signal
 256-step group brightness control allows general dimming (using a 122 Hz PWM
signal) from fully off to maximum brightness (default)
 256-step group blinking with frequency programmable from 15 Hz to 16.8 s and duty
cycle from 0 % to 99.6 %
 Active LOW Output Enable (OE) input pin allows for hardware blinking and dimming of
the LEDs
 8 MHz internal oscillator requires no external components
 Internal power-on reset
 Noise filter on SDI/SCLK inputs
 No glitch on LEDn outputs on power-up
 Low standby current
 Operating power supply voltage (VDD) range of 3 V to 5.5 V
 5.5 V tolerant inputs on non-LED pins
 40 C to +105 C operation
 ESD protection exceeds 4 kV HBM per JESD22-A114
 Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
 Packages offered: HTSSOP28




Similar Part No. - PCA9745B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9745B NXP-PCA9745B Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCA9745BTW NXP-PCA9745BTW Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCA9745BTWQ900 NXP-PCA9745BTWQ900 Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
More results


Similar Description - PCA9745B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
NXP Semiconductors
PCA9952Q900 PHILIPS-PCA9952Q900 Datasheet
1Mb / 45P
16-channel Fm I2C-bus 57 mA constant current LED driver AEC-Q100 compliant
Rev. 1-26 April 2013
PCA9952 PHILIPS-PCA9952 Datasheet
1Mb / 48P
16-channel Fm I2C-bus 57 mA constant current LED driver
Rev. 7.1-29 June 2015
PCU9956A NXP-PCU9956A Datasheet
1Mb / 50P
24-channel UFm 5 MHz I2C-bus 57 mA/20 V constant current LED driver
Rev. 2-29 June 2015
PCA9955B NXP-PCA9955B Datasheet
1Mb / 62P
16-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 2.2 ??10 June 2020
PCA9745B NXP-PCA9745B Datasheet
1Mb / 48P
16-channel SPI serial bus 57 mA/20 V constant current LED driver
Rev. 1-16 June 2016
PCA9957 NXP-PCA9957 Datasheet
858Kb / 56P
24-channel SPI serial bus 32 mA/5.5 V constant current LED driver
Rev. 2-25 February 2021
PCA9956B NXP-PCA9956B Datasheet
1Mb / 53P
24-channel Fm I2C-bus 57 mA/20 V constant current LED driver
Rev. 1.2-10 June2020
PCA9959 NXP-PCA9959 Datasheet
824Kb / 58P
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver
Rev. 1.2-22 October 2021
PCA9959 NXP-PCA9959_V01 Datasheet
813Kb / 57P
24-channel SPI serial bus 63 mA/5.5 V constant current LED driver
Rev. 1.3 ??23 May 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com