Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12P4S Datasheet (PDF) - Vishay Siliconix

SS12P4S Datasheet PDF - Vishay Siliconix
Part # SS12P4S
Download  SS12P4S Download
File Size   104.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD Photovoltaic Solar Cell Protection Schottky Rectifier

SS12P4S Datasheet (PDF)

Go To PDF Page Download Datasheet
SS12P4S Datasheet PDF - Vishay Siliconix

Part # SS12P4S
Download  SS12P4S Click to download

File Size   104.92 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description SMD Photovoltaic Solar Cell Protection Schottky Rectifier

SS12P4S Datasheet (HTML) - Vishay Siliconix


SS12P4S Product details

FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Guardring for overvoltage protection
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in solar cell junction box as a bypass diode for
protection, using DC forward current without reverse bias.

MECHANICAL DATA
Case: SMPC (TO-277A)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test




Similar Part No. - SS12P4S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS12P4S VISHAY-SS12P4S Datasheet
91Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-May-11
SS12P4S-M3-86A VISHAY-SS12P4S-M3-86A Datasheet
91Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-May-11
SS12P4S-M3-86A VISHAY-SS12P4S-M3-86A Datasheet
90Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-Jan-14
SS12P4S-M3-87A VISHAY-SS12P4S-M3-87A Datasheet
91Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-May-11
SS12P4S-M3-87A VISHAY-SS12P4S-M3-87A Datasheet
90Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-Jan-14
More results


Similar Description - SS12P4S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS12P4S VISHAY-SS12P4S Datasheet
91Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-May-11
SS15P3S VISHAY-SS15P3S Datasheet
92Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
13-May-11
V10P45S VISHAY-V10P45S Datasheet
86Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
19-Apr-11
V10P45S VISHAY-V10P45S_13 Datasheet
86Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
19-Apr-11
SS15P3S-M386A VISHAY-SS15P3S-M386A Datasheet
92Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
13-May-11
SS15P3S VISHAY-SS15P3S_15 Datasheet
88Kb / 6P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
12-Dec-13
SS12P4S VISHAY-SS12P4S_15 Datasheet
90Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-Jan-14
V10P45S-M3 VISHAY-V10P45S-M3_15 Datasheet
81Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
28-Nov-13
SS12P4S VISHAY-SS12P4S_15 Datasheet
83Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
17-Jan-14
SS15P3S VISHAY-SS15P3S_V01 Datasheet
110Kb / 5P
SMD Photovoltaic Solar Cell Protection Schottky Rectifier
07-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com