Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS391AB Datasheet (PDF) - Unisonic Technologies

TS391AB Datasheet PDF - Unisonic Technologies
Part # TS391AB
Download  TS391AB Download
File Size   120.78 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LINEAR INTEGRATED CIRCUIT

TS391AB Datasheet (PDF)

Go To PDF Page Download Datasheet
TS391AB Datasheet PDF - Unisonic Technologies

Part # TS391AB
Download  TS391AB Click to download

File Size   120.78 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LINEAR INTEGRATED CIRCUIT

TS391AB Datasheet (HTML) - Unisonic Technologies


TS391AB Product details

DESCRIPTION
The UTC TS391/A/B consist of a low power voltage comparator designed specifically to operate from a single supply over a wide range of voltages. Operation from split power supplies is also possible.
This comparator also a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage.

FEATURES
* Wide single supply voltage range or dual supplies +2V to
* +34V or ± 1V to ± 18V
* Very low supply current (0.2mA) independent of supply voltage (1 mW /comparator at +5V)
* Low input bias current: 25nA typ.
* Low input offset current: ± 5nA typ.
* Low input offset voltage: ± 1mV typ
* Input common-mode voltage range includes ground.
* Low output saturation voltage: 250mV typ.(Io=4mA).
* Differential input voltage range equal to the supply voltage.




Similar Part No. - TS391AB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TS391A UTC-TS391A Datasheet
120Kb / 5P
LINEAR INTEGRATED CIRCUIT
TS391A-AF5-R UTC-TS391A-AF5-R Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
TS391A-AL5-R UTC-TS391A-AL5-R Datasheet
200Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
TECH PUBLIC Electronics...
TS391AG TECHPUBLIC-TS391AG Datasheet
1Mb / 4P
SINGLE DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
TS391AG-AF5-R UTC-TS391AG-AF5-R Datasheet
194Kb / 6P
LOW POWER SINGLE VOLTAGE COMPARATOR
More results


Similar Description - TS391AB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com