Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5891 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LP5891 Datasheet PDF - Texas Instruments
Part # LP5891
Download  LP5891 Download
File Size   2757.66 Kbytes
Page   71 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver

LP5891 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5891 Datasheet PDF - Texas Instruments

Part # LP5891
Download  LP5891 Click to download

File Size   2757.66 Kbytes
Page   71 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver

LP5891 Datasheet (HTML) - Texas Instruments


LP5891 Product details

1 Features
• Separated VCC and VR/G/B power supply
– VCC voltage range: 2.5 V–5.5 V
– VR/G/B voltage range: 2.5 V–5.5 V
• 48 current source channels from 0.2 mA to 20 mA
– Channel-to-channel accuracy: ±0.5% (typ.),
±2% (max.); device-to-device accuracy: ±0.5%
(typ.), ±2% (max.)
– Low knee voltage: 0.26 V (max.) when IOUT = 5
mA
– 3-bits (8 steps) global brightness control
– 8-bits (256 steps) color brightness control
– Maximum 16-bits (65536 steps) PWM
grayscale control
• 16 scan line switches with 190-mΩ RDS(ON)
• Ultra-low power consumption
– Independent VCC down to 2.5 V
– Lowest ICC down to 3.6 mA with 50-MHz GCLK
– Intelligent power saving mode with ICC down to
0.9 mA
• Built-in SRAM to support 1–64 multiplexing
– Single device to support 48 × 16 LEDs or 16 ×
16 RGB pixels
– Dual devices stackable to support 96 × 32
LEDs or 32 × 32 RGB pixels
– Three devices stackable to support 144 × 48
LEDs or 48 × 48 RGB pixels
– Four devices stackable to support 192 × 64
LEDs or 64 × 64 RGB pixels
• High speed and low EMI Continuous Clock Series
Interface (CCSI)
– Only three wires: SCLK / SIN / SOUT
– External 50-MHz (max.) SCLK with rising-edge
transmission mechanism
– Internal frequency multiplier to support high
frequency GCLK
• Optimized performances for LED matrix displays
– Upside and downside ghosting removal
– Low grayscale enhancement
– LED open, weak-short, short detection and
removal
• LP5891MRRFR supports –55°C to approximately
125°C operating ambient temperature
2 Applications
• Mini- / micro-LED matrix products
• Gaming keyboard RGB LED backlighting
• Audio mixer, DJ equipment, and broadcast
• LED luminous panel and Local dimming backlight
3 Description
The LP5891 is a highly integrated, common-cathode
LED matrix driver with 48 constant current sources
and 16 scanning FETs. The LP5891 implements
a high speed rising-edge transmission interface
to support high device count daisy-chained while
minimizing electrical-magnetic interference (EMI) and
internal GCLK rate ranges from 40 MHz to 160 MHz.
The device also implements LED open/weak-short/
short detections and removals during operations.




Similar Part No. - LP5891

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5891 TI-LP5891 Datasheet
2Mb / 74P
LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED MAY 2022
LP5891 TI-LP5891 Datasheet
2Mb / 69P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED DECEMBER 2022
LP5891-Q1 TI-LP5891-Q1 Datasheet
2Mb / 66P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
AUGUST 2022
LP5891-Q1 TI-LP5891-Q1 Datasheet
2Mb / 69P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED DECEMBER 2022
LP5891-Q1 TI-LP5891-Q1_V01 Datasheet
2Mb / 69P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED DECEMBER 2022
More results


Similar Description - LP5891

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
logo
Marktech Corporate
TB62710FN MARKTECH-TB62710FN Datasheet
323Kb / 17P
8-Bit Constant-Current LED Driver for Cathode Common LED
logo
Toshiba Semiconductor
TB62710P TOSHIBA-TB62710P_06 Datasheet
300Kb / 19P
8-Bit Constant-Current LED Driver for Cathode Common LED
logo
Texas Instruments
TLC6984 TI-TLC6984 Datasheet
2Mb / 67P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
DECEMBER 2021
TLC6984 TI-TLC6984_V01 Datasheet
3Mb / 71P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
MARCH 2022
TLC6984 TI-TLC6984_V02 Datasheet
2Mb / 74P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
JULY 2022
LP5891 TI-LP5891_V01 Datasheet
2Mb / 74P
LP5891 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED MAY 2022
TLC6984 TI-TLC6984_V03 Datasheet
2Mb / 76P
TLC6984 48 Current Sources, 64 Scans, Common Cathode Matrix LED Display Driver
REVISED JULY 2022
LP5891-Q1 TI-LP5891-Q1 Datasheet
2Mb / 66P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
AUGUST 2022
LP5891-Q1 TI-LP5891-Q1_V01 Datasheet
2Mb / 69P
LP5891-Q1 Automotive 48 Current Sources, 64 Scans, Common Cathode LED Matrix Driver
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com