Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMD3140 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
PCMD3140 Datasheet PDF - Texas Instruments
Part # PCMD3140
Download  PCMD3140 Download
File Size   5181.46 Kbytes
Page   111 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter

PCMD3140 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCMD3140 Datasheet PDF - Texas Instruments

Part # PCMD3140
Download  PCMD3140 Click to download

File Size   5181.46 Kbytes
Page   111 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter

PCMD3140 Datasheet (HTML) - Texas Instruments


PCMD3140 Product details

1 Features
• 4-channel PDM microphones simultaneous
conversion
• PDM input to TDM or I2S output converter
performance:
– 127-dB dynamic range (DR) with highperformance,
5th-order PDM input
– 117-dB dynamic range (DR) with highperformance,
4th-order PDM input
• Channel summing mode, DR performance with
high-performance, 4th-order PDM input:
– 120-dB, 2-channel summing
• Programmable PDM clock output:
– 768 kHz to 6.144 MHz
• Programmable output sample rate (fS):
– 8 kHz to 768 kHz
• Programmable channel settings:
– Digital volume control: –100 dB to 27 dB
– Gain calibration: 0.1-dB resolution
– Phase calibration: 163-ns resolution
• Microphone bias or supply voltage generation
• Voice activity detection (VAD)
• Low-latency signal processing filter selection
• Programmable HPF and biquad digital filters
• I2C control
• Integrated high-performance audio PLL
• Automatic clock divider setting configurations
• Audio serial data interface:
– Format: TDM, I2S, or left-justified (LJ)
– Word length: 16 bits, 20 bits, 24 bits, or 32 bits
– Master or slave interface
• Single-supply operation: 3.3 V or 1.8 V
• I/O-supply operation: 3.3 V or 1.8 V
• Power consumption for 1.8-V supply:
– 2.8mW/channel at 16-kHz sample rate
– 3.6 mW/channel at 48-kHz sample rate
2 Applications
• Automotive Active Noise Cancellation
• Automotive Head Unit
• Rear Seat Entertainment
• Digital Cockpit Processing Unit
• Telematics Control Unit
3 Description
The PCMD3140-Q1 is a high-performance, pulsedensity-
modulation (PDM) input to time-division
multiplexing (TDM) or I2S output converter that
supports simultaneous sampling of up to four
digital channels for the PDM microphone input.
The device integrates programable digital volume
control, a microphone bias voltage, a phase-locked
loop (PLL), a programmable high-pass filter (HPF),
biquad filters, low-latency filter modes, and allows
for output sample rates up to 768 kHz. The device
supports time-division multiplexing (TDM), I2S, or leftjustified
(LJ) audio formats, and can be controlled
with the I2C interface. Additionally, the PCMD3140-
Q1 supports master and slave mode selection for
the audio bus interface operation. These integrated
high-performance features, along with the ability to
be powered from a single-supply of 3.3 V or 1.8
V, make the device an excellent choice for spaceconstrained
audio systems in far-field microphone
recording applications.
The PCMD3140-Q1 is specified from –40°C to
+125°C, and is offered in a 20-pin WQFN package.




Similar Part No. - PCMD3140

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
PCMD3140-Q1 TI-PCMD3140-Q1 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
More results


Similar Description - PCMD3140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU7002 AD-ADAU7002 Datasheet
295Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
REV. 0
logo
Texas Instruments
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
logo
Cirrus Logic
CS53L30 CIRRUS-CS53L30 Datasheet
3Mb / 67P
Low-Power Quad-Channel Microphone ADC with TDM Output
logo
Analog Devices
ADAU7002 AD-ADAU7002_16 Datasheet
365Kb / 16P
Stereo PDM-to-I2S or TDM Conversion IC
11/2016-Rev. A to Rev. B
logo
Texas Instruments
PCMD3180 TI1-PCMD3180 Datasheet
3Mb / 109P
PCMD3180 Octal-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140 Datasheet
4Mb / 107P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140 TI-PCMD3140_V01 Datasheet
4Mb / 106P
PCMD3140 Quad-Channel, PDM Input to TDM or I2S Output Converter
PCMD3140-Q1 TI-PCMD3140-Q1_V01 Datasheet
5Mb / 111P
PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
REVISED SEPTEMBER 2022
logo
Analog Devices
ADAU7118 AD-ADAU7118 Datasheet
670Kb / 35P
8-Channel, PDM to I2S/TDM Converter
Rev. A
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com