Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE40PWDC Datasheet (PDF) - Vishay Siliconix

SE40PWDC Datasheet PDF - Vishay Siliconix
Part # SE40PWDC
Download  SE40PWDC Download
File Size   131.19 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount ESD Capability Rectifier

SE40PWDC Datasheet (PDF)

Go To PDF Page Download Datasheet
SE40PWDC Datasheet PDF - Vishay Siliconix

Part # SE40PWDC
Download  SE40PWDC Click to download

File Size   131.19 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount ESD Capability Rectifier

SE40PWDC Datasheet (HTML) - Vishay Siliconix


SE40PWDC Product details

FEATURES
• Very low profile - typical height of 1.3 mm
• Ideal for automated placement
• Oxide planar chip junction
• Low forward voltage drop
• ESD capability
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code: base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
General purpose, power line polarity protection, in both
industry and automotive applications.

MECHANICAL DATA
Case: SlimDPAK (TO-252AE)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant
Base P/NHM3 - halogen-free, RoHS-compliant, and
AEC-Q101 qualified
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102, M3 and HM3 suffix meets
JESD 201 class 2 whisker test




Similar Part No. - SE40PWDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SE40PWBC VISHAY-SE40PWBC Datasheet
130Kb / 5P
Surface-Mount ESD Capability Rectifiers
16-Apr-2020
More results


Similar Description - SE40PWDC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSE1PDHM3 VISHAY-MSE1PDHM3 Datasheet
91Kb / 4P
Surface Mount ESD Capability Rectifier
14-Aug-13
MSE1PJ VISHAY-MSE1PJ_15 Datasheet
94Kb / 5P
Surface Mount ESD Capability Rectifier
24-May-12
MSE07PB VISHAY-MSE07PB Datasheet
99Kb / 4P
Surface Mount ESD Capability Rectifier
09-Apr-14
MSX1PB VISHAY-MSX1PB Datasheet
108Kb / 5P
Surface-Mount ESD Capability Rectifier
24-Jan-18
MSQ1PG VISHAY-MSQ1PG Datasheet
113Kb / 5P
Surface-Mount ESD Capability Rectifier
04-Aug-2020
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
Surface-Mount ESD Capability Rectifier
02-Jun-2020
SE100PWB VISHAY-SE100PWB_V01 Datasheet
142Kb / 5P
Surface-Mount ESD Capability Rectifier
02-Jun-2020
SE60PWBC VISHAY-SE60PWBC_V01 Datasheet
130Kb / 5P
Surface-Mount ESD Capability Rectifier
16-Apr-2020
SE80PWB VISHAY-SE80PWB_V01 Datasheet
130Kb / 5P
Surface-Mount ESD Capability Rectifier
29-Jul-2020
MSE1PB VISHAY-MSE1PB_V01 Datasheet
111Kb / 5P
Surface-Mount ESD Capability Rectifier
06-Aug-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com