Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS25985 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TPS25985 Datasheet PDF - Texas Instruments
Part # TPS25985
Download  TPS25985 Download
File Size   6059.64 Kbytes
Page   61 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor

TPS25985 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS25985 Datasheet PDF - Texas Instruments

Part # TPS25985
Download  TPS25985 Click to download

File Size   6059.64 Kbytes
Page   61 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor

TPS25985 Datasheet (HTML) - Texas Instruments


TPS25985 Product details

1 Features
• Input operating voltage range: 4.5 V to 16 V
– 20-V absolute maximum
– Withstands negative voltages up to –1 V at
output
• Integrated FET with ultra-low on-resistance: 0.59
mΩ (typ.)
• Rated for continuous current of 55 A and peak
current of 70 A
• Supports parallel connection of multiple eFuses for
higher current support
– Active device state synchronization and load
sharing during start-up and steady-state
• Robust overcurrent protection
– Adjustable overcurrent threshold (IOCP): 10 A to
60 A with accuracy of ±5%
– Circuit-breaker response during steady state
operation with adjustable transient overcurrent
timer (ITIMER) to support peak currents up to 2
× IOCP
– Adjustable active current limit during start-up
(ILIM)
• Robust short-circuit protection
– Fast-trip response (200 ns) to output shortcircuit
events
– Adjustable threshold (2 × IOCP)
– Immune to supply line transients — no
nuisance tripping
• Precise load current monitoring
– < 2.1% error over 50%–100% of maximum
current
– > 500-kHz bandwidth
• Fast overvoltage protection (fixed 16.6-V
threshold)
• Adjustable output slew rate control (dVdt) for
inrush current protection
• Active high enable input with adjustable
undervoltage lockout (UVLO)
• Overtemperature Protection (OTP) to ensure FET
SOA
– Guaranteed FET SOA: 12 W√s
• Integrated FET health monitoring and reporting
• Analog die temperature monitor output (TEMP)
• Dedicated fault indication pin (FLT)
• Power Good indication pin (PG)
• Uncommitted general purpose fast comparator
• Small footprint: QFN 4.5-mm × 5-mm, 0.6-mm
pitch
– 29-mil clearance between power and GND pins
2 Applications
• Input hotswap and hotplug
• Server and High performance computing
• Network interface cards
• Graphics and Hardware accelerator cards
• Datacenter switches and Routers
• Fan trays
3 Description
The TPS25985x is an integrated, high-current circuit
protection and power management solution in a small
package. The device provides multiple protection
modes using very few external components and is a
robust defense against overloads, short-circuits, and
excessive inrush current.
Applications with particular inrush current
requirements can set the output slew rate with a
single external capacitor. Output current limit level
can be set by user as per system needs. A user
adjustable overcurrent blanking timer allows systems
to support transient peaks in the load current without
tripping the eFuse.




Similar Part No. - TPS25985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
6Mb / 69P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25985 TI1-TPS25985 Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS259850RQPR TI-TPS259850RQPR Datasheet
6Mb / 69P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS259850RQPR TI1-TPS259850RQPR Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS259851RQPR TI1-TPS259851RQPR Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
More results


Similar Description - TPS25985

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2596 TI1-TPS2596 Datasheet
3Mb / 39P
2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS2596 TI1-TPS2596_V01 Datasheet
3Mb / 39P
TPS2596 2.7 to 19 V, 0.13 to 2-A, 85-m廓 eFuse With Accurate Current Monitor and Fast Overvoltage Protection
TPS2597 TI-TPS2597 Datasheet
2Mb / 53P
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
DECEMBER 2021
TPS2597 TI-TPS2597_V01 Datasheet
2Mb / 54P
TPS2597xx 2.7 V??3 V, 7-A, 9.8-m廓 eFuse With Accurate Current Monitor and Transient Overcurrent Blanking
JANUARY 2022
TPS25981 TI-TPS25981 Datasheet
5Mb / 47P
TPS25981x 2.7 V??6 V, 10-A, 6-m廓 eFuse with Transient Overcurrent Blanking Timer
APRIL 2022
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
Vishay Siliconix
SIP32434 VISHAY-SIP32434_V01 Datasheet
677Kb / 22P
6 A, 33 m, 2.8 V to 23 V, eFuse With Programmable Current Limit and OVP
02-May-2022
logo
Texas Instruments
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com