Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS3P4 Datasheet (PDF) - Vishay Siliconix

SS3P4 Datasheet PDF - Vishay Siliconix
Part # SS3P4_V01
Download  SS3P4 Download
File Size   102.01 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface-Mount Schottky Rectifiers

SS3P4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS3P4 Datasheet PDF - Vishay Siliconix

Part # SS3P4_V01
Download  SS3P4 Click to download

File Size   102.01 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Current Density Surface-Mount Schottky Rectifiers

SS3P4 Datasheet (HTML) - Vishay Siliconix


SS3P4 Product details

FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Low forward voltage drop, low power losses
• High efficiency
• Low thermal resistance
• Meets MSL level 1, per J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in low voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.

MECHANICAL DATA
Case: SMP (DO-220AA)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-M3 - halogen-free, RoHS-compliant, and
commercial grade
Base P/NHM3 - halogen-free, RoHS-compliant, and
automotive grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Polarity: color band denotes the cathode end




Similar Part No. - SS3P4_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3P4-E3/84A VISHAY-SS3P4-E3/84A Datasheet
103Kb / 4P
High Current Density Surface Mount Schottky Rectifier
25-Aug-08
SS3P4-E3/85A VISHAY-SS3P4-E3/85A Datasheet
103Kb / 4P
High Current Density Surface Mount Schottky Rectifier
25-Aug-08
SS3P4-M3-84A VISHAY-SS3P4-M3-84A Datasheet
88Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
19-Jul-11
SS3P4-M3-85A VISHAY-SS3P4-M3-85A Datasheet
88Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
19-Jul-11
SS3P4-M384A VISHAY-SS3P4-M384A Datasheet
87Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
16-Apr-12
More results


Similar Description - SS3P4_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS3P4 VISHAY-SS3P4_11 Datasheet
88Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
19-Jul-11
SS3P5 VISHAY-SS3P5_11 Datasheet
92Kb / 5P
High Current Density Surface Mount Schottky Rectifiers
19-Apr-11
SS5P3 VISHAY-SS5P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS5P5 VISHAY-SS5P5_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
28-Jun-11
SS10P3 VISHAY-SS10P3_11 Datasheet
97Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS3P4 VISHAY-SS3P4_13 Datasheet
87Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
16-Apr-12
logo
Bruckewell Technology L...
SS10P30-60 BWTECH-SS10P30-60 Datasheet
197Kb / 3P
High Current Density Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SS2P5 VISHAY-SS2P5_15 Datasheet
83Kb / 5P
High Current Density Surface Mount Schottky Barrier Rectifiers
19-Apr-11
SS3P4 VISHAY-SS3P4_15 Datasheet
85Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
08-Oct-13
SS3P4 VISHAY-SS3P4_15 Datasheet
82Kb / 4P
High Current Density Surface Mount Schottky Rectifiers
08-Oct-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com