Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2BN0200 Datasheet (PDF) - Schneider Electric

DF2BN0200 Datasheet PDF - Schneider Electric
Part # DF2BN0200
Download  DF2BN0200 Download
File Size   102.08 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 2A, without striker

DF2BN0200 Datasheet (PDF)

Go To PDF Page Download Datasheet
DF2BN0200 Datasheet PDF - Schneider Electric

Part # DF2BN0200
Download  DF2BN0200 Click to download

File Size   102.08 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 2A, without striker

DF2BN0200 Datasheet (HTML) - Schneider Electric


DF2BN0200 Product details

Main
Range of Product TeSys fuse-disconnector
Product or Component Type Cartridge fuse
Device short name DF2
[Ue] rated operational voltage 400 V AC
Line Rated Current 2 A 400 V
Fuse size 8.5 x 31.5 mm
Fuse type NFC
Quantity per Set Set of 10




Similar Part No. - DF2BN0200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF2BN0100 SCHNEIDER-DF2BN0100 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 1A, without striker
Jun 13, 2022
DF2BN0400 SCHNEIDER-DF2BN0400 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 4A, without striker
Jun 13, 2022
More results


Similar Description - DF2BN0200

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF2BA0600 SCHNEIDER-DF2BA0600 Datasheet
77Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type aM, 400VAC, 6A, without striker
Jun 13, 2022
DF2BN0100 SCHNEIDER-DF2BN0100 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 1A, without striker
Jun 13, 2022
DF2BN0400 SCHNEIDER-DF2BN0400 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 4A, without striker
Jun 13, 2022
DF2BN1000 SCHNEIDER-DF2BN1000 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 10A, without striker
Jun 13, 2022
DF2BN2000 SCHNEIDER-DF2BN2000 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 20A, without striker
Jun 13, 2022
DF2CA25 SCHNEIDER-DF2CA25 Datasheet
77Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 10mm x 38mm, fuse type aM, 400VAC, 25A, without striker
Jun 13, 2022
DF2CN32 SCHNEIDER-DF2CN32 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 10mm x 38mm, fuse type gG, 400VAC, 32A, without striker
Jun 13, 2022
DF2EA50 SCHNEIDER-DF2EA50 Datasheet
104Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type aM, 400VAC, 50A, without striker
Jun 13, 2022
DF2EN32 SCHNEIDER-DF2EN32 Datasheet
105Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type gG, 500VAC, 32A, without striker
Jun 13, 2022
DF2EN50 SCHNEIDER-DF2EN50 Datasheet
105Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 14mm x 51mm, fuse type gG, 400VAC, 50A, without striker
Jun 13, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com