Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107750 Datasheet (PDF) - PHOENIX CONTACT

107750 Datasheet PDF - PHOENIX CONTACT
Part # 107750
Download  107750 Download
File Size   1802.14 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Universal electronics housings

107750 Datasheet (PDF)

Go To PDF Page Download Datasheet
107750 Datasheet PDF - PHOENIX CONTACT

Part # 107750
Download  107750 Click to download

File Size   1802.14 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Universal electronics housings

107750 Datasheet (HTML) - PHOENIX CONTACT


107750 Product details

Description
The UCS... universal electronics housings consist of two
housing half-shells, which can be combined with side walls
in two different heights. The housing half-shells are available
in four sizes and several colors.
– Four housing sizes:
125 x 87 mm
145 x 125 mm
195 x 145 mm
237 x 195 mm
– Two housing heights: 47 mm or 67 mm
– Colors: light gray (similar to RAL 7035) or deep black
(similar to RAL 9005). The fastening elements are
RAL 5018 (turquoise blue)
The housings have special corner inlays, to which a PCB
can be attached. It is also possible to attach the PCBs with
adhesive domes. The adhesive domes are attached to the
housing half-shells. The PCB is screwed onto the adhesive
domes. This allows several PCBs to be added to the housings.
We can also provide you with templates for positioning
the adhesive domes. The housing half-shells are also available
with customer-specific adhesive domes.
Complete housings are available for certain PCBs with a
form factor (e.g., ETX, ITX, DTX, EBX, EPIC). Corner inlays
with domes or adhesive domes are available for attaching
the PCB. In addition to the above PCB format, further PCBs
can be installed in the complete housings depending on the
size. The template layouts for the adhesive domes are available
for download with the products.
Connection systems and display and operating elements
can be installed in the housings. We would be glad to install
the required openings for you.




Similar Part No. - 107750

ManufacturerPart #DatasheetDescription
logo
Heyco.
10775 HEYCO-10775 Datasheet
99Kb / 1P
Nylon PCB Supports - Adhesive-Back Mount
More results


Similar Description - 107750

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1073420000 WEIDMULLER-1073420000 Datasheet
81Kb / 2P
Electronics housings, CH20M transparent, Tilt cover, Width: 22.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
Electronics housings, CH20M black, Hood, Width: 45 mm
1139790000 WEIDMULLER-1139790000 Datasheet
73Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
1174280000 WEIDMULLER-1174280000 Datasheet
77Kb / 2P
Electronics housings, CH20M black, Lateral element, Width: 12.5 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
Electronics housings, CH20M black, Hood, Width: 22.5 mm
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
1716060000 WEIDMULLER-1716060000 Datasheet
95Kb / 7P
PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
106461 PHOENIX-106461 Datasheet
618Kb / 21P
Series EH...F electronics housings
2015-03-05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com