Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG9408 Datasheet (PDF) - Vishay Siliconix

DG9408 Datasheet PDF - Vishay Siliconix
Part # DG9408
Download  DG9408 Download
File Size   121.21 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers

DG9408 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9408 Datasheet PDF - Vishay Siliconix

Part # DG9408
Download  DG9408 Click to download

File Size   121.21 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers

DG9408 Datasheet (HTML) - Vishay Siliconix


DG9408 Product details

DESCRIPTION

The DG9408, DG9409 uses BiCMOS wafer fabrication technology that allows the DG9408, DG9409 to operate on single and dual supplies. Single supply voltage ranges from 3 V to 12 V while dual supply operation is recommended with ± 3 V to ± 6 V.



FEATURES

• Halogen-free According to IEC 61249-2-21 Definition

• 2.7 V to 12 V single supply or ± 3 V to ± 6 V dual supply operation

• Low on-resistance - RON: 3.9  typ.

• Fast switching: tON - 42 ns, tOFF - 24 ns

• Break-before-make guaranteed

• Low leakage

• TTL, CMOS, LV logic (3 V) compatible

• 2000 V ESD protection (HBM)

• Compliant to RoHS Directive 2002/95/EC



BENEFITS

• High accuracy

• Single and dual power rail capacity

• Wide operating voltage range

• Simple logic interface



APPLICATIONS

• Data acquisition systems

• Battery operated equipment

• Portable test equipment

• Sample and hold circuits

• Communication systems

• SDSL, DSLAM

• Audio and video signal routing



 




Similar Part No. - DG9408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG9408 VISHAY-DG9408 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG9408DN-T1 VISHAY-DG9408DN-T1 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG9408DN-T1-E4 VISHAY-DG9408DN-T1-E4 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
More results


Similar Description - DG9408

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
10-Oct-05
DG408L VISHAY-DG408L_08 Datasheet
157Kb / 12P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
25-Jun-07
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-Apr-07
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-08
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
30-May-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
20-Jun-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
28-Feb-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
22-Feb-16
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com