Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S07B Datasheet (PDF) - Vishay Siliconix

S07B Datasheet PDF - Vishay Siliconix
Part # S07B_V01
Download  S07B Download
File Size   108.16 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Rectifier High Voltage Surface Mount

S07B Datasheet (PDF)

Go To PDF Page Download Datasheet
S07B Datasheet PDF - Vishay Siliconix

Part # S07B_V01
Download  S07B Click to download

File Size   108.16 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Standard Recovery Rectifier High Voltage Surface Mount

S07B Datasheet (HTML) - Vishay Siliconix


S07B Product details

FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Meets JESD 201 class 2 whisker test
• Wave and reflow solderable
• AEC-Q101 qualified
• Compatible to SOD-123W package case outline or
SOD-123F and SOD-123FL
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

MECHANICAL DATA
Case: SMF (DO-219AB)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes / options:
GS18/10K per 13" reel (8 mm tape)
GS08/3K per 7" reel (8 mm tape)
Circuit configuration: single




Similar Part No. - S07B_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B-GS08 VISHAY-S07B-GS08 Datasheet
120Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07B-GS08 VISHAY-S07B-GS08 Datasheet
123Kb / 8P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07B-GS18 VISHAY-S07B-GS18 Datasheet
120Kb / 7P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07B-GS18 VISHAY-S07B-GS18 Datasheet
123Kb / 8P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
Small Signal Fast Switching Diode, High Voltage
13-Apr-05
More results


Similar Description - S07B_V01

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
FM4001-M PACELEADER-FM4001-M Datasheet
268Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
S1AB PACELEADER-S1AB Datasheet
253Kb / 2P
SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Vishay Siliconix
S07M-M-08 VISHAY-S07M-M-08 Datasheet
90Kb / 5P
Standard Recovery Rectifier High Voltage Surface Mount
01-Aug-11
S07J-M-08 VISHAY-S07J-M-08 Datasheet
90Kb / 5P
Standard Recovery Rectifier High Voltage Surface Mount
01-Aug-11
S1FLX-M VISHAY-S1FLX-M Datasheet
110Kb / 7P
Standard Recovery Rectifier, High Voltage Surface Mount
26-Feb-2021
S07B-M VISHAY-S07B-M_V01 Datasheet
108Kb / 6P
Standard Recovery Rectifier High Voltage Surface-Mount
26-Feb-2021
S1FLB-M VISHAY-S1FLB-M_V01 Datasheet
111Kb / 7P
Standard Recovery Rectifier, High Voltage Surface Mount
26-Feb-2021
S1FLB VISHAY-S1FLB_V01 Datasheet
106Kb / 6P
Standard Recovery Rectifier, High Voltage Surface-Mount
26-Feb-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com