Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB5H90 Datasheet (PDF) - Vishay Siliconix

SB5H90 Datasheet PDF - Vishay Siliconix
Part # SB5H90
Download  SB5H90 Download
File Size   77.93 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Schottky Plastic Rectifier

SB5H90 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB5H90 Datasheet PDF - Vishay Siliconix

Part # SB5H90
Download  SB5H90 Click to download

File Size   77.93 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Voltage Schottky Plastic Rectifier

SB5H90 Datasheet (HTML) - Vishay Siliconix


SB5H90 Product details

FEATURES
• Guardring for overvoltage protection
• Low power losses and high efficiency
• Low forward voltage drop
• Low leakage current
• High forward surge capability
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in middle voltage high frequency inverters,
freewheeling, DC/DC converters, and polarity protection
applications.

MECHANICAL DATA
Case: DO-201AD
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end




Similar Part No. - SB5H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
High Voltage Schottky Rectifier
16-Aug-04
SB5H90 VISHAY-SB5H90 Datasheet
96Kb / 4P
High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
19-May-08
SB5H90 VISHAY-SB5H90 Datasheet
71Kb / 4P
High-Voltage Schottky Rectifier
04-Aug-09
logo
Shenzhen Taychipst Elec...
SB5H90 TAYCHIPST-SB5H90 Datasheet
14Mb / 2P
High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90 Datasheet
77Kb / 5P
High-Voltage Schottky Rectifier
31-Oct-12
More results


Similar Description - SB5H90

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90 Datasheet
70Kb / 2P
High Voltage Schottky Rectifier
16-Aug-04
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
HIGH VOLTAGE PLASTIC RECTIFIER
logo
Sangdest Microelectroni...
SHV30300G SMC-SHV30300G Datasheet
80Kb / 5P
PLASTIC HIGH-VOLTAGE RECTIFIER
logo
Vishay Siliconix
SB1H90-E3 VISHAY-SB1H90-E3 Datasheet
74Kb / 4P
High Voltage Schottky Plastic Rectifier
13-Aug-13
SB3H90 VISHAY-SB3H90_15 Datasheet
80Kb / 5P
High Voltage Schottky Plastic Rectifier
13-Aug-13
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
Plastic High Voltage Rectifier
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
High Voltage Schottky Plastic Rectifier
01-Jul-2020
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
High Voltage Schottky Plastic Rectifier
13-Aug-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com