Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA19161CT Datasheet (PDF) - NXP Semiconductors

TEA19161CT Datasheet PDF - NXP Semiconductors
Part # TEA19161CT
Download  TEA19161CT Download
File Size   466.42 Kbytes
Page   44 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital controller for high-efficiency resonant power supply

TEA19161CT Datasheet (PDF)

Go To PDF Page Download Datasheet
TEA19161CT Datasheet PDF - NXP Semiconductors

Part # TEA19161CT
Download  TEA19161CT Click to download

File Size   466.42 Kbytes
Page   44 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Digital controller for high-efficiency resonant power supply

TEA19161CT Datasheet (HTML) - NXP Semiconductors


TEA19161CT Product details

General description
The TEA19161CT is a fully digital controller for high-efficiency resonant power supplies.
Together with the TEA19162CT PFC controller and the TEA1995T dual SR controller,
a complete resonant power supply can be built which is easy to design and has a very
low component count. This power supply meets the efficiency regulations of Energy Star,
the Department of Energy (DoE), the Eco-design directive of the European Union, the
European Code of Conduct, and other guidelines. So, any auxiliary low-power supply can
be omitted.
In contrast to traditional resonant topologies, the TEA19161CT (LLC) shows a high
efficiency at low loads due to the newly introduced low-power mode. This mode operates
in the power region between continuous switching (also called high-power mode) and
burst mode.
Because the TEA19161CT is regulated via the primary capacitor voltage, it has accurate
information about the power delivered to the output. The measured output power
defines the mode of operation (burst mode, low-power mode, or high-power mode). A
configuration pin can easily set the transition levels of the operating modes.
The TEA19161CT contains a low-voltage die with a fully digital controller for output
power control, start-up, initializations, and protections. These protections include
overcurrent protection (OCP), overvoltage protection (OVP), open-loop protection (OLP),
and capacitive mode regulation (CMR). It also contains a high-voltage silicon-on-insulator
(SOI) controller for high-voltage start-up, integrated drivers, level shifter, protections, and
circuitry assuring zero-voltage switching.
The TEA19161CT is designed to cooperate with the TEA19162CT power factor
control (PFC) controller. For communications about start-up and protections, the
TEA19161CT contains a digital control interface. The digital control enables a fast latch
reset mechanism. It maximizes the overall system efficiency at low output power levels
by setting the TEA19162CT to operate in burst mode.
The TEA19161CT/TEA19162CT/TEA1995T combination gives an easy to design,
highly efficient, and reliable power supply, providing 90 W to 500 W, with a minimum of
external components. The system provides a very low no-load input power (< 75 mW;
total system including the TEA19161CT/TEA19162CT/TEA1995T combination) and high
efficiency from minimum to maximum load. So, any additional low-power supply can be
omitted, ensuring a significant system cost saving and highly simplified power supply
design.

Features and benefits
Distinctive features
• Complete functionality as a combination with TEA19162CT
• Integrated high-voltage start-up
• Integrated high-voltage level shifter (LS)
• Extremely fast start-up (< 500 ms at Vmains = 100 V (AC))
• Continuously VSUPIC regulation via the SUPHV pin during start-up and protection,
allowing minimum SUPIC capacitor values
• Operating frequencies are outside the audible area at all operating modes
• Integrated soft start
• Power good function
• Maximum 500 kHz half-bridge switching frequency

Green features
• Extremely high efficiency from low load to high load
• Compliant with Energy using Product directive (EuP) lot 6
• Excellent no-load input power (< 75 mW for TEA19161CT/TEA19162CT/TEA1995T
combination)
• Regulated low optocurrent, enabling low no-load power consumption
• Very low supply current during non-switching state in burst mode
• Transition between different operation modes (high-power/low-power/burst mode)
occurs at integrated, externally adjustable power levels
• Adaptive non-overlap time

Protection features
• Supply undervoltage protection (UVP)
• Overpower protection (OPP)
• Integrated adjustable overpower timeout
• Adjustable latch or restart function for overpower protection (OPP)
• On-chip overtemperature protection (OTP)
• Capacitive mode regulation (CMR)
• Accurate overvoltage protection (OVP)
• Maximum on-time protection for low-side and high-side driver output
• Overcurrent protection (OCP)
• Disable input




Similar Part No. - TEA19161CT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA19161T NXP-TEA19161T Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA19161T/2 NXP-TEA19161T/2 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA19161T/2Y NXP-TEA19161T/2Y Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA19161T2 NXP-TEA19161T2 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results


Similar Description - TEA19161CT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1860 TI-UC1860 Datasheet
584Kb / 9P
Resonant Mode Power Supply Controller
logo
Sanken electric
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6700 SANKEN-STR-X6700 Datasheet
101Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Texas Instruments
UC3860N TI-UC3860N Datasheet
548Kb / 10P
Resonant Mode Power Supply Controller
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
High Efficiency Dual Power Supply Controller
REV. 0
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com