Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

200218-1600 Datasheet (PDF) - Molex Electronics Ltd.

200218-1600 Datasheet PDF - Molex Electronics Ltd.
Part # 200218-1600
Download  200218-1600 Download
File Size   1759.92 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals

200218-1600 Datasheet (PDF)

Go To PDF Page Download Datasheet
200218-1600 Datasheet PDF - Molex Electronics Ltd.

Part # 200218-1600
Download  200218-1600 Click to download

File Size   1759.92 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals

200218-1600 Datasheet (HTML) - Molex Electronics Ltd.


200218-1600 Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
A-620 Class 2 compliant, as indicated on page 2
RoHS compliant




Similar Part No. - 200218-1600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
200218-1200 MOLEX-200218-1200 Datasheet
512Kb / 7P
Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
11-17-16
200218-1300 MOLEX-200218-1300 Datasheet
463Kb / 6P
Hand Crimp Tool for ValuSeal Crimp Terminals
08-25-17
200218-1900 MOLEX-200218-1900 Datasheet
1Mb / 8P
Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Receptacle Crimp Terminals
04-30-
More results


Similar Description - 200218-1600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-1000 MOLEX-63819-1000 Datasheet
919Kb / 8P
Hand Crimp Tool For Mini-Fit??Jr. Crimp Terminals
09-16-14
ATS-638111500 MOLEX-ATS-638111500 Datasheet
184Kb / 4P
Hand Crimp Tool for Mini-Fit Sr. ??Crimp Terminals
09-21-16
ATS-638111600 MOLEX-ATS-638111600 Datasheet
163Kb / 4P
Hand Crimp Tool for Mini-Fit Sr.??Crimp Terminals
09-21-16
ATS-6381138HM MOLEX-ATS-6381138HM Datasheet
169Kb / 4P
Hand Crimp Tool for Mini-Fit Sr. ??Crimp Terminal
10-19-16
ATS-2002181500 MOLEX-ATS-2002181500 Datasheet
1Mb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
06-28-17
63811-5000 MOLEX-63811-5000 Datasheet
289Kb / 8P
Hand Crimp Tool for Mini-Fit??Crimp Terminals
03-27-08
63811-5100 MOLEX-63811-5100 Datasheet
311Kb / 7P
Hand Crimp Tool for Mini-Fit Jr.??Crimp Terminals
03-27-08
200218-8600 MOLEX-200218-8600 Datasheet
663Kb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
09-29-21
200218-8600 MOLEX2-200218-8600 Datasheet
663Kb / 6P
Hand Crimp Tool for Mini-Fit Sr. Crimp Terminals
09-29-21
2002188700 MOLEX-2002188700 Datasheet
28Kb / 2P
Hand Crimp Tool for 10.00mm Pitch Mini-Fit Sr. Crimp Terminals, 8 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com