Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-6381969HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6381969HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6381969HM
Download  ATS-6381969HM Download
File Size   355.89 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for VersaBlade??Industry standard .070 Terminals

ATS-6381969HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6381969HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6381969HM
Download  ATS-6381969HM Click to download

File Size   355.89 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for VersaBlade??Industry standard .070 Terminals

ATS-6381969HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6381969HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700).
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-0250 (220 V)
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600).




Similar Part No. - ATS-6381969HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638196800 MOLEX-ATS-638196800 Datasheet
328Kb / 5P
Hand Crimp Tool for VersaBlade??Industry standard .070" Terminals
7-23-10
More results


Similar Description - ATS-6381969HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63819-0100 MOLEX11-63819-0100 Datasheet
45Kb / 1P
Hand Crimp Tool for Crimp Terminals
0638270300 MOLEX11-0638270300 Datasheet
33Kb / 1P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
0638270400 MOLEX11-0638270400 Datasheet
29Kb / 1P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
0638270500 MOLEX11-0638270500 Datasheet
36Kb / 1P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
ATS-638196800 MOLEX-ATS-638196800 Datasheet
328Kb / 5P
Hand Crimp Tool for VersaBlade??Industry standard .070" Terminals
7-23-10
ATS-638270300 MOLEX-ATS-638270300 Datasheet
986Kb / 7P
Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals
07-17-15
0638253100 MOLEX-0638253100 Datasheet
33Kb / 1P
Hand Crimp Tool for Crimp Terminals
11/02/2021
ATS-6382704HM MOLEX-ATS-6382704HM Datasheet
330Kb / 6P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
09-13-13
ATS-6382705HM MOLEX-ATS-6382705HM Datasheet
384Kb / 6P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
01-20-14
0638196800 MOLEX-0638196800 Datasheet
32Kb / 1P
Hand Crimp Tool for Industry standard 1.78mm Terminals
08/26/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com