Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-6382706HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382706HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382706HM
Download  ATS-6382706HM Download
File Size   318.3 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for .187 Receptacle Terminal

ATS-6382706HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382706HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382706HM
Download  ATS-6382706HM Click to download

File Size   318.3 Kbytes
Page   6 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for .187 Receptacle Terminal

ATS-6382706HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382706HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete crimps
Ergonomically designed soft handles
Precisely designed crimping profiles with simple contact positioning
Easy handling due to outstanding force ratio
A-620 Class 2 compliant as indicated and RoHS compliant
Modular Crimp Head is removable and can be use in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700).
Can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63813-0250 (220 V),
accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600).




Similar Part No. - ATS-6382706HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638270300 MOLEX-ATS-638270300 Datasheet
986Kb / 7P
Hand Crimp Tool for 1.78mm (.070") Tab Female Crimp Terminals
07-17-15
ATS-6382704HM MOLEX-ATS-6382704HM Datasheet
330Kb / 6P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
09-13-13
ATS-6382705HM MOLEX-ATS-6382705HM Datasheet
384Kb / 6P
Hand Crimp Tool for 1.78mm (.070) Tab Female Crimp Terminals
01-20-14
ATS-6382708HM MOLEX-ATS-6382708HM Datasheet
644Kb / 6P
Hand Crimp Tool for 1.50mm Pitch Pico-Lock??Crimp Terminals
05-24-16
ATS-638270900 MOLEX-ATS-638270900 Datasheet
364Kb / 6P
Hand Crimp Tool for Wire-to-Board Crimp Terminals
08-15-13
More results


Similar Description - ATS-6382706HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-0200 MOLEX11-63823-0200 Datasheet
40Kb / 1P
Hand Crimp Tool for Receptacle Terminal Unsealed
63823-0300 MOLEX11-63823-0300 Datasheet
40Kb / 1P
Hand Crimp Tool for Receptacle Terminal Unsealed
63823-2900 MOLEX11-63823-2900 Datasheet
32Kb / 1P
Hand Crimp Tool for Crimp Terminal
63823-6700 MOLEX11-63823-6700 Datasheet
39Kb / 1P
Hand Crimp Tool for Crimp Terminal
0638270600 MOLEX11-0638270600 Datasheet
29Kb / 1P
Hand Crimp Tool for .187 Receptacle Terminal
0638230200 MOLEX-0638230200 Datasheet
33Kb / 1P
Hand Crimp Tool for Receptacle Terminal Unsealed
04/07/2016
0638230300 MOLEX-0638230300 Datasheet
33Kb / 1P
Hand Crimp Tool for Receptacle Terminal Unsealed
07/27/2016
0638232900 MOLEX-0638232900 Datasheet
34Kb / 1P
Hand Crimp Tool for Crimp Terminal
11/02/2021
ATS-6382720HM MOLEX-ATS-6382720HM Datasheet
1Mb / 7P
Hand Crimp Tool for.187 Slip on QD Receptacle Terminals
07-09-15
63819-3900 MOLEX-63819-3900 Datasheet
230Kb / 4P
Hand Crimp Tool for CTX 1.50mm Receptacle Crimp Terminal
01-05-09
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com