Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-6382762HM Datasheet (PDF) - Molex Electronics Ltd.

ATS-6382762HM Datasheet PDF - Molex Electronics Ltd.
Part # ATS-6382762HM
Download  ATS-6382762HM Download
File Size   1418.43 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Tool for Appli-Mate RAST Power Connectors

ATS-6382762HM Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-6382762HM Datasheet PDF - Molex Electronics Ltd.

Part # ATS-6382762HM
Download  ATS-6382762HM Click to download

File Size   1418.43 Kbytes
Page   7 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Tool for Appli-Mate RAST Power Connectors

ATS-6382762HM Datasheet (HTML) - Molex Electronics Ltd.


ATS-6382762HM Product details

FEATURES
A full cycle ratcheting hand tool ensures complete terminations
Ergonomically designed soft handles
Wire gripping comb holds wires in place before termination
Easy handling due to outstanding force ratio
Modular Crimp Head is removable and can be used in the Air Powered Tool Order No.63816-0100,
accompanied by Air Powered Crimp Adapter (Order No. 63816-0700)
Modular Crimp Head can also be used in the Battery Powered Tool Order No.63816-0200 (110 V) or 63816-
0250 (220 V), accompanied by Battery Powered Crimp Adapter (Order No. 63816-0600)




Similar Part No. - ATS-6382762HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-6382760HM MOLEX11-ATS-6382760HM Datasheet
683Kb / 7P
A full cycle ratcheting hand tool ensures complete crimps
ATS-6382760HM MOLEX-ATS-6382760HM Datasheet
683Kb / 7P
Hand Crimp Tool for Nano-Fit??Crimp Terminals
10-22-14
ATS-6382763HM MOLEX-ATS-6382763HM Datasheet
1Mb / 9P
Hand Tool for Appli-Mate RAST5 Connectors
10-01-14
ATS-6382764HM MOLEX-ATS-6382764HM Datasheet
662Kb / 6P
Hand Crimp Tool for 2.00mm W/B Receptacle Terminals
11-11-15
ATS-6382769HM MOLEX-ATS-6382769HM Datasheet
605Kb / 6P
Hand Crimp Tool for 1.25mm (.049) Pitch Wire-to-Board Crimp Terminals
12-16-14
More results


Similar Description - ATS-6382762HM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0930701001 MOLEX11-0930701001 Datasheet
407Kb / 5P
2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header
0622030000 MOLEX11-0622030000 Datasheet
28Kb / 1P
Appli-Mate Rast 2.5 Power Manual Terminator
0638259900 MOLEX11-0638259900 Datasheet
33Kb / 1P
RAST R5 IDT Hand Tool
0638272900 MOLEX11-0638272900 Datasheet
34Kb / 1P
Hand Tool for Appli-Mate RAST2.5, RAST Signal, and R-Power Connectors
0638276200 MOLEX11-0638276200 Datasheet
35Kb / 1P
Hand Tool for Appli-Mate RAST Power Connectors
0638276300 MOLEX11-0638276300 Datasheet
38Kb / 1P
Hand Tool for Appli-Mate RAST5 Connectors
63827-2900 MOLEX-63827-2900 Datasheet
1Mb / 11P
Hand Tool for Appli-Mate RAST2.5, RAST Signal, and R-Power Connectors
07-15-16
63827-6300 MOLEX-63827-6300 Datasheet
1Mb / 9P
Hand Tool for Appli-Mate RAST5 Connectors
10-01-14
ATS-6382729HM MOLEX-ATS-6382729HM Datasheet
1Mb / 11P
Hand Tool for Appli-Mate RAST2.5, RAST Signal, and R-Power Connectors
07-15-16
ATS-6382763HM MOLEX-ATS-6382763HM Datasheet
1Mb / 9P
Hand Tool for Appli-Mate RAST5 Connectors
10-01-14
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com