Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40-00 Datasheet (PDF) - Vishay Siliconix

BAS40-00 Datasheet PDF - Vishay Siliconix
Part # BAS40-00
Download  BAS40-00 Download
File Size   92.0 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Schottky Diodes, Single and Dual

BAS40-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS40-00 Datasheet PDF - Vishay Siliconix

Part # BAS40-00
Download  BAS40-00 Click to download

File Size   92.0 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Small Signal Schottky Diodes, Single and Dual

BAS40-00 Datasheet (HTML) - Vishay Siliconix


BAS40-00 Product details

FEATURES
• These diodes feature very low turn-on voltage
and fast switching
• These devices are protected by a PN junction
guardring against excessive voltage, such as
electrostatic discharges
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes/options:
18/10K per 13" reel (8 mm tape), 10K/box
08/3K per 7" reel (8 mm tape), 15K/box




Similar Part No. - BAS40-00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS40-00 VISHAY-BAS40-00 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-E3-08 VISHAY-BAS40-00-E3-08 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-E3-18 VISHAY-BAS40-00-E3-18 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G Datasheet
89Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G Datasheet
91Kb / 3P
Small Signal Schottky Diodes, Single and Dual
13-Feb-18
More results


Similar Description - BAS40-00

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAT54-V VISHAY-BAT54-V_10 Datasheet
140Kb / 5P
Small Signal Schottky Diodes, Single and Dual
16-Jul-10
BAT54-V-G VISHAY-BAT54-V-G_10 Datasheet
82Kb / 4P
Small Signal Schottky Diodes, Single and Dual
28-Jun-10
BAT54-V VISHAY-BAT54-V_12 Datasheet
81Kb / 4P
Small Signal Schottky Diodes, Single and Dual
16-Jul-10
BAS40-00 VISHAY-BAS40-00 Datasheet
81Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G Datasheet
89Kb / 3P
Small Signal Schottky Diodes, Single and Dual
25-Feb-13
BAS40-00-G VISHAY-BAS40-00-G_V01 Datasheet
91Kb / 3P
Small Signal Schottky Diodes, Single and Dual
13-Feb-18
BAS70-00-G VISHAY-BAS70-00-G_V01 Datasheet
91Kb / 3P
Small Signal Schottky Diodes, Single and Dual
13-Feb-18
BAS70-00 VISHAY-BAS70-00_V01 Datasheet
89Kb / 3P
Small Signal Schottky Diodes, Single and Dual
13-Feb-18
BAT54-G VISHAY-BAT54-G_V01 Datasheet
102Kb / 4P
Small Signal Schottky Diodes, Single and Dual
13-Feb-18
BAT54 VISHAY-BAT54_V01 Datasheet
92Kb / 4P
Small Signal Schottky Diodes, Single and Dual
02-Jun-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com