Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2800866 Datasheet (PDF) - PHOENIX CONTACT

2800866 Datasheet PDF - PHOENIX CONTACT
Part # 2800866
Download  2800866 Download
File Size   109.17 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM1 12A F1P

2800866 Datasheet (PDF)

Go To PDF Page Download Datasheet
2800866 Datasheet PDF - PHOENIX CONTACT

Part # 2800866
Download  2800866 Click to download

File Size   109.17 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - CB TM1 12A F1P

2800866 Datasheet (HTML) - PHOENIX CONTACT


2800866 Product details

Thermomagnetic device circuit breaker, 1-pos., tripping characteristic F1 (fast-blow), 1 PDT contact, plug for base element.

Why buy this product
Compact design with precise nominal current levels
Modular expansion possible thanks to the uniform, plug-in housing concept
Sophisticated remote signaling concept enables monitoring from any location
Supply/remote signaling can be bridged with CLIPLINE complete accessories




Similar Part No. - 2800866

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800860 PHOENIX-2800860 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 3A F1P
18.01.2013
2800861 PHOENIX-2800861 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 4A F1P
18.01.2013
2800862 PHOENIX-2800862 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 5A F1P
18.01.2013
2800863 PHOENIX-2800863 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 6A F1P
18.01.2013
2800864 PHOENIX-2800864 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 8A F1P
18.01.2013
More results


Similar Description - 2800866

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800857 PHOENIX-2800857 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 0.5A F1P
18.01.2013
2800858 PHOENIX-2800858 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 1A F1P
18.01.2013
2800859 PHOENIX-2800859 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 2A F1P
18.01.2013
2800860 PHOENIX-2800860 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 3A F1P
18.01.2013
2800861 PHOENIX-2800861 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 4A F1P
18.01.2013
2800862 PHOENIX-2800862 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 5A F1P
18.01.2013
2800863 PHOENIX-2800863 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 6A F1P
18.01.2013
2800864 PHOENIX-2800864 Datasheet
108Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 8A F1P
18.01.2013
2800865 PHOENIX-2800865 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 10A F1P
18.01.2013
2800867 PHOENIX-2800867 Datasheet
109Kb / 9P
Thermomagnetic device circuit breaker - CB TM1 16A F1P
18.01.2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com