Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4010 Datasheet (PDF) - Linear Integrated Systems

LTC4010 Datasheet PDF - Linear Integrated Systems
Part # LTC4010
Download  LTC4010 Download
File Size   204.92 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description High Efficiency Standalone Nickel Battery Charger

LTC4010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4010 Datasheet PDF - Linear Integrated Systems

Part # LTC4010
Download  LTC4010 Click to download

File Size   204.92 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description High Efficiency Standalone Nickel Battery Charger

LTC4010 Datasheet (HTML) - Linear Integrated Systems


LTC4010 Product details

Description

The LTC® 4010 provides a complete, cost-effective nickel battery fast charge solution in a small package using few external  components.  A  550kHz  PWM  current  source controller and all necessary charge initiation, monitoring and termination control circuitry are included.



Features

Complete NiMH/NiCd Charger for 1 to 16 Cells

No Microcontroller or Firmware Required

550kHz PWM Current Source Controller

No Audible Noise with Ceramic Capacitors

Wide Input Voltage Range: 5.5V to 34V

Programmable Charge Current: 5% Accuracy

Automatic Trickle Precharge

–∆V Fast Charge Termination

Optional ∆T/∆t Fast Charge Termination

Optional Temperature Qualification

Automatic NiMH Top-Off Charge

Programmable Timer

Automatic Recharge

Multiple Status Outputs

Micropower Shutdown

16-Lead Thermally Enhanced TSSOP Package




Similar Part No. - LTC4010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4010CFE LINER-LTC4010CFE Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4010CFEPBF LINER-LTC4010CFEPBF Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4010CFETR LINER-LTC4010CFETR Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4010CFETRPBF LINER-LTC4010CFETRPBF Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
More results


Similar Description - LTC4010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
4A, High Efficiency, Standalone Li Battery Charger
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4011 LINER-LTC4011 Datasheet
227Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007_1 Datasheet
273Kb / 24P
4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4010 LINER-LTC4010 Datasheet
286Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4011 LINER-LTC4011_1 Datasheet
658Kb / 26P
High Efficiency Standalone Nickel Battery Charger
LTC4010 LINER-LTC4010_15 Datasheet
290Kb / 24P
High Efficiency Standalone Nickel Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4011 LINER-LTC4011_15 Datasheet
663Kb / 26P
High Efficiency Standalone Nickel Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com