Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT11-012 Datasheet (PDF) - Applied Motion Products, Inc.

HT11-012 Datasheet PDF - Applied Motion Products, Inc.
Part # HT11-012
Download  HT11-012 Download
File Size   108.91 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description Recommended Motors

HT11-012 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT11-012 Datasheet PDF - Applied Motion Products, Inc.

Part # HT11-012
Download  HT11-012 Click to download

File Size   108.91 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description Recommended Motors

HT11-012 Datasheet (HTML) - Applied Motion Products, Inc.


HT11-012 Product details

Description
The 1240i is a low cost, programmable step
motor driver, suitable for a wide range of
motion control applications. It includes a
sophisticated controller integrated with a
50 watt microstepping amplifier.
The 1240i includes Applied Motion’s easy
to use Si Programmer™ Windows software
for the rapid development of stand
alone motion control programs. The 1240i
can also be commanded in real time from a
host PC or PLC, using the SiNet Command
Language™.
For multi-axis applications, up to eight 1240i
drives can be networked using the SiNet
Hub-8. The hub also allows the 1240i to be
mixed with any of the other six Si™ drive
models, fulfilling the exact requirements of
your application at the lowest possible cost.
The 1240i includes 8 programmable inputs
for triggering, branching, position sensing
and end of travel detection. 3 programmable
outputs can send signals to other
electronic devices and activate relays.
Features
• Can be programmed for stand alone operation
with the easy to use Si Programmer™
Windows software (software and programming
cable included).
• Can be operated in real time from a host PC or
PLC using the SiNet Command Language™.
• Requires 12 – 42 VDC power supply, up to
1.5 A.
• Programmable motor current: up to 1.2
amps/phase.
• Microstepping: 2,000 – 50,800 steps/rev.
• Speeds to 50 rev/sec.
• 20 kHz PWM amplifier with mixed fast/slow
decay.
• 8 optically isolated 5 – 24 V inputs can be
configured for sinking or sourcing logic.
• 3 optically isolated outputs, 30 VDC, 100 mA.
• Automatic idle current reduction.
• Drives 4, 6 or 8 lead step motors, sizes 11 – 23.
• Compatible step motors available from stock.
• Compact size (0.7 x 3.0 x 4.0 inches).
• Four .156 inch mounting holes, 2.7 x 3.7 inch
spacing.
• Screw terminal connectors.




Similar Part No. - HT11-012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HT11-012 ETC2-HT11-012 Datasheet
83Kb / 3P
NEMA 11 High Torque Step Motor
logo
Applied Motion Products...
HT11-012 AMP-HT11-012 Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
HT11-012 AMP-HT11-012 Datasheet
54Kb / 2P
2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC
HT11-012 AMP-HT11-012 Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
HT11-012 AMP-HT11-012 Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
More results


Similar Description - HT11-012

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M42SP-7 MITSUMI-M42SP-7 Datasheet
77Kb / 2P
Stepping Motors
logo
HOKURIKU ELECTRIC INDUS...
E011420 HOKURIKU-E011420 Datasheet
116Kb / 1P
Recommended Pad Dimension
logo
Major League Electronic...
LSSHS-5-04 MAJOR-LEAGUE-LSSHS-5-04 Datasheet
124Kb / 1P
Recommended P.C.B.Layout
logo
Mitsumi Electronics, Co...
M10SP-2N MITSUMI-M10SP-2N Datasheet
52Kb / 1P
Stepping Motors
logo
TRINAMIC Motion Control...
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
stepper motors
logo
Copal Electronics
SP33-1001 COPAL-SP33-1001 Datasheet
320Kb / 3P
STEPPING MOTORS
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
STEPPING MOTORS
logo
Nippon Precision Circui...
SMD-01A NPC-SMD-01A Datasheet
662Kb / 11P
Linear motors
logo
Mitsumi Electronics, Co...
M22E-13G MITSUMI-M22E-13G Datasheet
213Kb / 1P
Geared Motors
logo
Murata Manufacturing Co...
DE1B3KX151KA5B MURATA1-DE1B3KX151KA5B Datasheet
175Kb / 2P
Safety Capacitors RECOMMENDED
09/22/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com