Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2035 Datasheet (PDF) - Applied Motion Products, Inc.

2035 Datasheet PDF - Applied Motion Products, Inc.
Part # 2035
Download  2035 Download
File Size   54.84 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC

2035 Datasheet (PDF)

Go To PDF Page Download Datasheet
2035 Datasheet PDF - Applied Motion Products, Inc.

Part # 2035
Download  2035 Click to download

File Size   54.84 Kbytes
Page   2 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description 2035 Step Motor Drive Full & Half Stepping 2.0 amps, 35 VDC

2035 Datasheet (HTML) - Applied Motion Products, Inc.


2035 Product details

Features
• DC bus voltage 12-35 VDC motor supply (including
ripple)
• Switch selectable motor current from 0.125–2.0
amps/phase
• Switch selectable full or half step
• Switch selectable idle current reduction, 0 or
50%
• Optically isolated 5–24 VDC inputs for step, direction
and enable
• Enable input to turn off current to the motor
• 70 watts of usable power
• Screw terminal connectors
• Dual H-bridge, inaudible PWM amplifier
• 3 state, pulse width modulated current control,
switching at 20–30 KHz
• Drives 4, 6 or 8 lead size 11, 14, 17 or 23 step
motors
• CE compliant
Description
The 2035 step motor driver is a full or half drive, step
phase sequencer with three state switching amplifiers
and optoisolated circuits. The drive also includes
an automatic feature to lower motor current by 50%
anytime the motor is left at rest for more than one
second. This feature can be disabled.
The amplifier regulates motor current by chopping
at a constant, inaudible frequency. Phase current is
selected from 16 levels by a DIP switch. Full or half
resolution is switch selectable.




Similar Part No. - 2035

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2035 POMONA-2035 Datasheet
40Kb / 1P
Miniature Double Banana Shorting Bar Plug
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
logo
Applied Motion Products...
2035 AMP-2035 Datasheet
73Kb / 4P
Si-100 Motor Control
logo
Keystone Electronics Co...
2035 KEYSTONE-2035 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
More results


Similar Description - 2035

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
Stepping Motor Drive IC
logo
List of Unclassifed Man...
2035 ETC2-2035 Datasheet
209Kb / 4P
DC Full/Half Step Drive
2035O ETC2-2035O Datasheet
213Kb / 4P
DC Full/Half Step Drive w/ Oscillator
logo
Applied Motion Products...
1035D AMP-1035D Datasheet
55Kb / 2P
1035D Dual Step Drive Full & Half Stepping 1.0 amps, 35 VDC
2035-O AMP-2035-O Datasheet
56Kb / 2P
2035 O Step Motor Drive with Oscillator Full & Half Stepping 2.0 amps, 35 VDC
2035XD AMP-2035XD Datasheet
101Kb / 2P
2035XD Step Motor Drive with Oscillator 2 Axis Full, Half and Microstep Programmable Digital Oscillator or Pulse Direction 2.0 amps, 35 VDC
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
3535 AMP-3535 Datasheet
53Kb / 2P
3535 Step Motor Drive Full & Half Stepping 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com