Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL41X Datasheet (PDF) - Vishay Siliconix

RGL41X Datasheet PDF - Vishay Siliconix
Part # RGL41X
Download  RGL41X Download
File Size   80.15 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount Glass Passivated Junction Fast Switching Rectifier

RGL41X Datasheet (PDF)

Go To PDF Page Download Datasheet
RGL41X Datasheet PDF - Vishay Siliconix

Part # RGL41X
Download  RGL41X Click to download

File Size   80.15 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface-Mount Glass Passivated Junction Fast Switching Rectifier

RGL41X Datasheet (HTML) - Vishay Siliconix


RGL41X Product details

FEATURES
• Superectifier structure for high reliability condition
• Ideal for automated placement
• Fast switching for high efficiency
• Low leakage current
• High forward surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 250 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in fast switching rectification of power supply,
inverters, converters, and freewheeling diodes for
consumer, automotive and telecommunication.

MECHANICAL DATA
Case: GL41 (DO-213AB), molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: two bands indicate cathode end - 1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating




Similar Part No. - RGL41X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RGL41x VISHAY-RGL41x Datasheet
84Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
More results


Similar Description - RGL41X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
BYM11-50 VISHAY-BYM11-50_11 Datasheet
86Kb / 5P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
Surface Mount Glass Passivated Junction Fast Switching Rectifier
11-Dec-13
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
Surface-Mount Glass Passivated Junction Fast Switching Rectifier
17-Aug-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com