Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34350 Datasheet (PDF) - Applied Motion Products, Inc.

34350 Datasheet PDF - Applied Motion Products, Inc.
Part # 34350
Download  34350 Download
File Size   133.43 Kbytes
Page   9 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description Si5580 Programmable Step Motor Drive

34350 Datasheet (PDF)

Go To PDF Page Download Datasheet
34350 Datasheet PDF - Applied Motion Products, Inc.

Part # 34350
Download  34350 Click to download

File Size   133.43 Kbytes
Page   9 Pages
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.
Description Si5580 Programmable Step Motor Drive

34350 Datasheet (HTML) - Applied Motion Products, Inc.


34350 Product details

Features
• Si™, Si Command Language (SCL) or SiNet Hub programming
languages included with drive
• AC input 110V or 220V switch selectable, 50-60 Hz
• DC bus voltage 75 VDC full load, 80 VDC nominal
• Software selectable motor current from 0.5 – 5.5
amps/phase
• Software selectable motor resolution from 2,000 to
50,800 steps per revolution
• Software selectable idle current reduction 0, 25%,
50% or 100%
• Eight optically isolated programmable inputs 5 – 24
VDC. 2,200 ohms internal resistance. Can be configured
for sinking (NPN) or sourcing (PNP) signals.
• Three optically isolated programmable outputs 12 –
24 VDC, 100mA maximum
• One optically isolated output 5 VDC dedicated to fault
out
• RS-232 for PC/MMI communications
• Over current and over temperature protection
• 440 watts of usable power
• Screw terminal connectors
• Dual, MOSFET H-bridge, 3 state, pulse width modulated
amplifier switching at 20 – 30 KHz
• Ideal for 4, 6 or 8 leaded step motors NEMA sizes 23
& 34
• Optional Man Machine Interface (MMI) allows machine
operator to enter specific motion parameters
• CE and TUV compliant
Description
The Si5580 is a programmable stepper drive/indexer
packaged in a rugged steel case painted black with white
epoxy silkscreen. Integral heat sink, mounting brackets,
switch covers and connectors are included with each
Si5580. The drive/indexer has been matched with twelve
recommended NEMA 23 & 34 motors and comes with all
operating software necessary to create a complete stepper
motion solution.
The Si5580 includes Applied Motion Products’,
Microsoft Windows based, Si™ software language for
quick set up and ease of use. The Si™ is ideal for standalone
operation. For more experienced users, with software
development expertise, the Si5580 also comes with
Applied’s Si Command Language (SCL) programming
instruction set. SCL allows for control of the Si™ drive
from a host PC or PLC thus permitting the user to perform
a variety of motion, I/O tasks and system status retrieval
via the host.
Multiple axis applications are handled by our SiNet™ Hub
Programmer, which gives you the ability to control up to 8
Si™ drives, either stepper or servo on the same hub. Not
only can you coordinate up to eight motors, the hub also
has access to the inputs and outputs of all the drives, providing
your program with up to 64 inputs and 24 outputs.
You can also use Applied’s MMI which allows the machine
operator to enter specific motion commands.
Factory set to operate at 110-volt input; the Si5580 can be
set by the user to operate at 220-volt input by a simply
switch selection.
Pluggable screw terminal blocks are provided for the
I/O, motor and AC power inputs. Mating connectors,
programming cable with computer interface connector
as well as all operating software are provided with each
Si™ drive.
The Si5580 is both CE and TUV compliant.




Similar Part No. - 34350

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
34350 AMP-34350 Datasheet
140Kb / 10P
PDO 5580 Packaged Pulse and Direction Step Motor Drive wih Digital Oscillator
More results


Similar Description - 34350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6208 ETC-D6208 Datasheet
222Kb / 3P
MOTOR DRIVE SERIES
logo
Agilent(Hewlett-Packard...
84904K HP-84904K Datasheet
137Kb / 8P
Programmable Step Attenuators
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
DC Motor Drive
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
Industrial Motor Drive
logo
Fluke Corporation
MDA-550 FLUKE-MDA-550 Datasheet
3Mb / 36P
Motor Drive Analyzer
logo
Shenzhen Huazhimei Semi...
HM2503A HMSEMI-HM2503A Datasheet
359Kb / 4P
Motor drive circuit
logo
Applied Motion Products...
3535-O AMP-3535-O Datasheet
57Kb / 2P
3535 O Step Motor Drive with Oscillator Full & Half Step 3.5 amps, 35 VDC
7080 AMP-7080 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
7080I AMP-7080I Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com