Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMFWS0D5N04XM Datasheet (PDF) - ON Semiconductor

NVMFWS0D5N04XM Datasheet PDF - ON Semiconductor
Part # NVMFWS0D5N04XM
Download  NVMFWS0D5N04XM Download
File Size   223.1 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.52 m, 423 A

NVMFWS0D5N04XM Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMFWS0D5N04XM Datasheet PDF - ON Semiconductor

Part # NVMFWS0D5N04XM
Download  NVMFWS0D5N04XM Click to download

File Size   223.1 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.52 m, 423 A

NVMFWS0D5N04XM Datasheet (HTML) - ON Semiconductor


NVMFWS0D5N04XM Product details

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Small Footprint (5 x 6 mm) with Compact Design
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• Motor Drive
• Battery Protection
• Synchronous Rectification




Similar Part No. - NVMFWS0D5N04XM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFWS0D4N04XM ONSEMI-NVMFWS0D4N04XM Datasheet
225Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.42 m, 512 A
December, 2021?뭃ev. 0
NVMFWS0D4N04XMT1G ONSEMI-NVMFWS0D4N04XMT1G Datasheet
225Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.42 m, 512 A
December, 2021?뭃ev. 0
NVMFWS0D6N04XM ONSEMI-NVMFWS0D6N04XM Datasheet
153Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.57 m, 380 A
April, 2023 - Rev. 0
NVMFWS0D6N04XMT1G ONSEMI-NVMFWS0D6N04XMT1G Datasheet
153Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.57 m, 380 A
April, 2023 - Rev. 0
NVMFWS0D7N04XM ONSEMI-NVMFWS0D7N04XM Datasheet
278Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.70 m, 331 A
December, 2021-Rev. 0
More results


Similar Description - NVMFWS0D5N04XM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS0D8N02P1E ONSEMI-NTMFS0D8N02P1E Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 25 V, 0.68 m, 365 A
March, 2020 ??Rev. 0
NTMFS0D55N03CG ONSEMI-NTMFS0D55N03CG Datasheet
139Kb / 6P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.58 m, 462 A
June, 2020 ??Rev. 1
NTMFS0D6N03C ONSEMI-NTMFS0D6N03C Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL
April, 2021 ??Rev. 2
NTMFS0D7N03CG ONSEMI-NTMFS0D7N03CG Datasheet
218Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.65 m, 409 A
June, 2021 ??Rev. 6
NTMFS0D9N03CG ONSEMI-NTMFS0D9N03CG Datasheet
166Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 0.9 m, 298 A
November, 2021 ??Rev. 5
NTMFS1D15N03CG ONSEMI-NTMFS1D15N03CG Datasheet
185Kb / 7P
MOSFET - Power, Single N-Channel, SO8-FL 30 V, 1.15 m, 245 A
April, 2021 ??Rev. 6
NVMFWS0D4N04XM ONSEMI-NVMFWS0D4N04XM Datasheet
225Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.42 m, 512 A
December, 2021?뭃ev. 0
NVMFWS0D7N04XM ONSEMI-NVMFWS0D7N04XM Datasheet
278Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.70 m, 331 A
December, 2021-Rev. 0
NVMFWS0D6N04XM ONSEMI-NVMFWS0D6N04XM Datasheet
153Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.57 m, 380 A
April, 2023 - Rev. 0
NTMFS0D7N04XM ONSEMI-NTMFS0D7N04XM Datasheet
140Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8-FL 40 V, 0.7 m, 323 A
June, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com