Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS0D8N04CL Datasheet (PDF) - ON Semiconductor

NVMJS0D8N04CL Datasheet PDF - ON Semiconductor
Part # NVMJS0D8N04CL
Download  NVMJS0D8N04CL Download
File Size   373.7 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A

NVMJS0D8N04CL Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJS0D8N04CL Datasheet PDF - ON Semiconductor

Part # NVMJS0D8N04CL
Download  NVMJS0D8N04CL Click to download

File Size   373.7 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A

NVMJS0D8N04CL Datasheet (HTML) - ON Semiconductor


NVMJS0D8N04CL Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMJS0D8N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS0D9N04C ONSEMI-NVMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
NVMJS0D9N04CL ONSEMI-NVMJS0D9N04CL Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
NVMJS0D9N04CLTWG ONSEMI-NVMJS0D9N04CLTWG Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
NVMJS0D9N04CTWG ONSEMI-NVMJS0D9N04CTWG Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
More results


Similar Description - NVMJS0D8N04CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMJS0D8N04CL ONSEMI-NTMJS0D8N04CL Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
November,2019-Rev. 0
NTMJS0D9N04C ONSEMI-NTMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 0
NTMTS0D7N06C ONSEMI-NTMTS0D7N06C Datasheet
402Kb / 7P
MOSFET - Power, Single N-Channel, DFNW8 60 V, 0.72 m, 464 A
December, 2020-Rev.3
NTMYS4D5N04C ONSEMI-NTMYS4D5N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 4.5 m, 80 A
November, 2019-Rev. 0
NVD5C454NL ONSEMI-NVD5C454NL Datasheet
234Kb / 7P
MOSFET ??Power, Single, N-Channel, 40 V, 3.9 m, 88 A
June, 2019-Rev. 0
NVD5C486N ONSEMI-NVD5C486N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 17.9 m, 22 A
June, 2019-Rev. 0
NVD5C486NL ONSEMI-NVD5C486NL Datasheet
234Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 16 m, 24 A
June, 2019-Rev. 0
NVLJWS011N04CL ONSEMI-NVLJWS011N04CL Datasheet
170Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 11 m, 37 A
March, 2022 ??Rev. 0
NVMTS0D7N06C ONSEMI-NVMTS0D7N06C Datasheet
357Kb / 8P
MOSFET - Power, Single N-Channel 60 V, 0.72 m, 464 A
April, 2020 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com