Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

107104 Datasheet (PDF) - PHOENIX CONTACT

107104 Datasheet PDF - PHOENIX CONTACT
Part # 107104
Download  107104 Download
File Size   509.21 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/3AC/24DC/10

107104 Datasheet (PDF)

Go To PDF Page Download Datasheet
107104 Datasheet PDF - PHOENIX CONTACT

Part # 107104
Download  107104 Click to download

File Size   509.21 Kbytes
Page   39 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QUINT4-PS/3AC/24DC/10

107104 Datasheet (HTML) - PHOENIX CONTACT


107104 Product details

Description
QUINT POWER power supplies with integrated NFC
interface and SFB technology ensure superior system
availability.

Adaptable
– Signaling thresholds and characteristic curves can be
set via NFC
Powerful
– SFB technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Preventive
– Comprehensive signaling
Robust
– Mains buffering > 20 ms
– High degree of immunity, thanks to integrated gas-filled
surge arrester (6 kV)




Similar Part No. - 107104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1071042 PHOENIX-1071042 Datasheet
317Kb / 8P
EH 52,5-B/ABS-PC BK9005 - Mounting base housing
1071045 PHOENIX-1071045 Datasheet
407Kb / 13P
PCB terminal block, Push-in spring connection
1071046 PHOENIX-1071046 Datasheet
433Kb / 13P
PCB terminal block, Push-in spring connection
1071048 PHOENIX-1071048 Datasheet
436Kb / 13P
SPTAF 1/ 4-5,0-EL-EX
1071049 PHOENIX-1071049 Datasheet
299Kb / 10P
SPTAF 1/ 5-5,0-EL-EX - PCB terminal block
More results


Similar Description - 107104

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
107100 PHOENIX-107100 Datasheet
550Kb / 38P
QUINT4-PS/1AC/24DC/10
107103 PHOENIX-107103 Datasheet
549Kb / 38P
QUINT4-PS/3AC/24DC/5
2866394 PHOENIX-2866394 Datasheet
150Kb / 6P
TRIO-PS/ 3AC/24DC/20
2866459 PHOENIX-2866459 Datasheet
147Kb / 6P
TRIO-PS/ 3AC/24DC/10
2904621 PHOENIX-2904621 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2904622 PHOENIX-2904622 Datasheet
95Kb / 8P
Power supply unit - QUINT4-PS/3AC/24DC/20
2904623 PHOENIX-2904623 Datasheet
206Kb / 15P
Power supply unit - QUINT4-PS/3AC/24DC/40
09/12/2020
108837 PHOENIX-108837 Datasheet
869Kb / 49P
QUINT4-PS/24DC/24DC/20/SC
2020-10-23
109251 PHOENIX-109251 Datasheet
876Kb / 49P
QUINT4-PS/24DC/24DC/20/PT
2020-10-23
109370 PHOENIX-109370 Datasheet
1Mb / 49P
QUINT4-PS/24DC/24DC/10/PT/CO
2021-05-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com