Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLF1G0035-100P Datasheet (PDF) - Ampleon Netherlands B.V.

CLF1G0035-100P Datasheet PDF - Ampleon Netherlands B.V.
Part # CLF1G0035-100P
Download  CLF1G0035-100P Download
File Size   1466.96 Kbytes
Page   16 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description Broadband RF power GaN HEMT

CLF1G0035-100P Datasheet (PDF)

Go To PDF Page Download Datasheet
CLF1G0035-100P Datasheet PDF - Ampleon Netherlands B.V.

Part # CLF1G0035-100P
Download  CLF1G0035-100P Click to download

File Size   1466.96 Kbytes
Page   16 Pages
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.
Description Broadband RF power GaN HEMT

CLF1G0035-100P Datasheet (HTML) - Ampleon Netherlands B.V.


CLF1G0035-100P Product details

General description
The CLF1G0035-100P and CLF1G0035S-100P are 100 W general purpose broadband
GaN HEMTs usable from DC to 3.5 GHz.
Features and benefits
 Frequency of operation is from DC to 3.5 GHz
 100 W general purpose broadband RF Power GaN HEMT
 Excellent ruggedness (VSWR = 10 : 1)
 High voltage operation (50 V)
 Thermally enhanced package
Applications
 Commercial wireless infrastructure
(cellular, WiMAX)
 Industrial, scientific, medical
 Radar  Jammers
 Broadband general purpose amplifier  EMC testing
 Public mobile radios  Defense application




Similar Part No. - CLF1G0035-100P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLF1G0035-100 NXP-CLF1G0035-100 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Ampleon Netherlands B.V...
CLF1G0035-100 AMPLEON-CLF1G0035-100 Datasheet
1Mb / 20P
Broadband RF power GaN HEMT
Rev. 6 ??8 January 2016
More results


Similar Description - CLF1G0035-100P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.0
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
120 W, RF Power GaN HEMT
Rev 3.0
logo
Ampleon Netherlands B.V...
CLF1G0035-100 AMPLEON-CLF1G0035-100 Datasheet
1Mb / 20P
Broadband RF power GaN HEMT
Rev. 6 ??8 January 2016
CLF1G0035-200P AMPLEON-CLF1G0035-200P Datasheet
1Mb / 19P
Broadband RF power GaN HEMT
Rev. 1 ??22 April 2016
CLF1G0035-50 AMPLEON-CLF1G0035-50 Datasheet
1Mb / 19P
Broadband RF power GaN HEMT
Rev. 6 ??8 January 2016
CLF1G0060-10 AMPLEON-CLF1G0060-10 Datasheet
1Mb / 18P
Broadband RF power GaN HEMT
Rev. 5 ??18 February 2016
CLF1G0060-30 AMPLEON-CLF1G0060-30 Datasheet
1Mb / 19P
Broadband RF power GaN HEMT
Rev. 7 ??5 February 2018
CLF3H0035-100 AMPLEON-CLF3H0035-100 Datasheet
1Mb / 12P
Broadband RF power GaN HEMT
Rev. 1 ??23 December 2021
CLF3H0060-30 AMPLEON-CLF3H0060-30 Datasheet
2Mb / 29P
Broadband RF power GaN HEMT
Rev. 1 ??20 December 2021
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
90 W, RF Power GaN HEMT
Rev 5.2 March 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com