Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYX10GP Datasheet (PDF) - Vishay Siliconix

BYX10GP Datasheet PDF - Vishay Siliconix
Part # BYX10GP
Download  BYX10GP Download
File Size   71.96 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Junction Rectifier

BYX10GP Datasheet (PDF)

Go To PDF Page Download Datasheet
BYX10GP Datasheet PDF - Vishay Siliconix

Part # BYX10GP
Download  BYX10GP Click to download

File Size   71.96 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Miniature Glass Passivated Junction Rectifier

BYX10GP Datasheet (HTML) - Vishay Siliconix


BYX10GP Product details

FEATURES
• Superectifier structure for high reliability
application
• Cavity-free glass-passivated junction
• 0.36 A operation at TA = 40 °C with no thermal
runaway
• Typical IR less than 0.1 μA
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in rectification of high voltage power supplies,
inverters, converters and freewheeling diodes application.

MECHANICAL DATA
Case: DO-41 (DO-204AL), molded epoxy over glass body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals: matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test




Similar Part No. - BYX10GP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYX10GP VISHAY-BYX10GP Datasheet
74Kb / 4P
Miniature Glass Passivated Junction Fast Switching Rectifier
12-Dec-13
More results


Similar Description - BYX10GP

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MPG06A GE-MPG06A Datasheet
50Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1 Datasheet
180Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
RL101G GOOD-ARK-RL101G Datasheet
182Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION RECTIFIER
logo
List of Unclassifed Man...
BY126MGP ETC-BY126MGP Datasheet
94Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Pan Jit International I...
1A1G PANJIT-1A1G_09 Datasheet
83Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
New Jersey Semi-Conduct...
1N4383GP NJSEMI-1N4383GP Datasheet
156Kb / 1P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
MPG06A TAYCHIPST-MPG06A Datasheet
2Mb / 2P
MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
MPG06M-E3 VISHAY-MPG06M-E3 Datasheet
75Kb / 4P
Miniature Glass Passivated Junction Plastic Rectifier
04-Jul-13
BY127MGP VISHAY-BY127MGP Datasheet
87Kb / 4P
Miniature Glass Passivated Junction Rectifier
20-Jan-11
MPG06A VISHAY-MPG06A_V01 Datasheet
434Kb / 4P
Miniature Glass Passivated Junction Plastic Rectifier
04-Jul-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com