Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCFN40GE Datasheet (PDF) - Schneider Electric

VCFN40GE Datasheet PDF - Schneider Electric
Part # VCFN40GE
Download  VCFN40GE Download
File Size   132.4 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55

VCFN40GE Datasheet (PDF)

Go To PDF Page Download Datasheet
VCFN40GE Datasheet PDF - Schneider Electric

Part # VCFN40GE
Download  VCFN40GE Click to download

File Size   132.4 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55

VCFN40GE Datasheet (HTML) - Schneider Electric


VCFN40GE Product details

Main
Range TeSys
Product name TeSys Mini-VARIO
Device short name VCFN
Product or Component Type Emergency stop switch disconnector
Performance level Standard
Poles description 3P
Control Type Rotary handle
Handle colour Red
Handle front plate colour Yellow
Rotary handle padlocking 1 to 3 padlocks 0.16…0.31 in (4…8 mm)




Similar Part No. - VCFN40GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
More results


Similar Description - VCFN40GE

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCFN40GE SCHNEIDER-VCFN40GE Datasheet
118Kb / 2P
TeSys Vario enclosed, emergency stop switch disconnector, 32A, IP55
Jul 12, 2021
VCFN20GE SCHNEIDER-VCFN20GE Datasheet
127Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jul 12, 2021
VCFN12GE SCHNEIDER-VCFN12GE Datasheet
128Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jul 12, 2021
VCF1GE SCHNEIDER-VCF1GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 25A, IP65
Jul 12, 2021
VCF01GE SCHNEIDER-VCF01GE Datasheet
163Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 16A, IP65
Jul 12, 2021
VBF2GE SCHNEIDER-VBF2GE Datasheet
124Kb / 3P
TeSys Vario enclosed, main switch disconnector, 32A, IP65
Jul 12, 2021
VCF2GE SCHNEIDER-VCF2GE_V01 Datasheet
142Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 32A, IP65
Jun 13, 2022
VCFN12GE SCHNEIDER-VCFN12GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 10A, IP55
Jun 13, 2022
VCFN20GE SCHNEIDER-VCFN20GE_V01 Datasheet
140Kb / 3P
TeSys Vario enclosed, emergency stop switch disconnector, 16A, IP55
Jun 13, 2022 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com