Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR-MR Datasheet (PDF) - Pepperl+Fuchs Inc.

UPR-MR Datasheet PDF - Pepperl+Fuchs Inc.
Part # UPR-MR
Download  UPR-MR Download
File Size   259.22 Kbytes
Page   1 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description DIN mounting rail

UPR-MR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPR-MR Datasheet PDF - Pepperl+Fuchs Inc.

Part # UPR-MR
Download  UPR-MR Click to download

File Size   259.22 Kbytes
Page   1 Pages
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.
Description DIN mounting rail

UPR-MR Datasheet (HTML) - Pepperl+Fuchs Inc.


UPR-MR Product details

< 35 mm DIN mounting rail acc. to EN 60715:2001
< Standard length 2 m (6 foot), simple to customize to application
space
< Slot for insert UPR-INS-**
< Packaging unit: 2 pieces




Similar Part No. - UPR-MR

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
UPR-E PF-UPR-E Datasheet
609Kb / 2P
End Cap for Universal Power Rail
2021-04-08
More results


Similar Description - UPR-MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP OMRON-PFP Datasheet
51Kb / 2P
DIN Rail Mounting Track
logo
List of Unclassifed Man...
DNR-4790 ETC2-DNR-4790 Datasheet
31Kb / 1P
35mm DIN MOUNTING RAIL
76000977 ETC2-76000977 Datasheet
120Kb / 1P
Mounting Bracket ??DIN Rail
logo
CUI INC
STK-DIN CUI-STK-DIN Datasheet
170Kb / 2P
DIN RAIL MOUNTING BRACKET
logo
TRACO Electronic AG
TEP-MK1 TRACOPOWER-TEP-MK1 Datasheet
766Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TEQ-MK1 TRACOPOWER-TEQ-MK1 Datasheet
679Kb / 1P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK1 TRACOPOWER-TMDC-MK1 Datasheet
310Kb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMDC-MK2 TRACOPOWER-TMDC-MK2 Datasheet
384Kb / 2P
DIN-Rail Mounting Clip
Rev. November 30, 2022
TMPW-MK1 TRACOPOWER-TMPW-MK1 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
TMPW-MK3 TRACOPOWER-TMPW-MK3 Datasheet
1Mb / 2P
DIN-Rail Mounting Kit
Rev. November 30, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com