Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LCX32 Datasheet (PDF) - ON Semiconductor

74LCX32 Datasheet PDF - ON Semiconductor
Part # 74LCX32
Download  74LCX32 Download
File Size   764.29 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Quad 2-Input OR Gate with 5 V Tolerant Inputs

74LCX32 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LCX32 Datasheet PDF - ON Semiconductor

Part # 74LCX32
Download  74LCX32 Click to download

File Size   764.29 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Quad 2-Input OR Gate with 5 V Tolerant Inputs

74LCX32 Datasheet (HTML) - ON Semiconductor


74LCX32 Product details

The LCX32 contains four 2−input OR gates. The inputs tolerate
voltages up to 7 V allowing the interface of 5 V systems to 3 V
systems.
The 74LCX32 is fabricated with advanced CMOS technology to
achieve high speed operation while maintaining CMOS low power
dissipation.

Features
• 5 V Tolerant Inputs
• 2.3 V – 3.6 V VCC Specifications Provided
• 5.5 ns tPD Max. (VCC = 3.3 V), 10 mA ICC Max.
• Power Down High Impedance Inputs and Outputs
• ±24 mA Output Drive (VCC = 3.0 V)
• Implements Proprietary Noise/EMI Reduction Circuitry
• Latch−up Performance Exceeds JEDEC 78 Conditions
• ESD performance:
♦ Human Body Model >2000 V
♦ Machine model >150 V
• Available on SOIC, TSSOP WB and Leadless QFN Packages
• These are Pb−Free Devices




Similar Part No. - 74LCX32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
211Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
15-Sep-2004
74LCX32 STMICROELECTRONICS-74LCX32 Datasheet
241Kb / 15P
Low voltage CMOS 2-input OR gate with 5V tolerant inputs
10-Jul-2006
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Similar Description - 74LCX32

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
74LCX86 FAIRCHILD-74LCX86 Datasheet
118Kb / 8P
Low Voltage Quad 2-Input Exclusive-OR Gate with 5V Tolerant Inputs
logo
Toshiba Semiconductor
TC74LCX32F TOSHIBA-TC74LCX32F_07 Datasheet
271Kb / 10P
Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_07 Datasheet
237Kb / 9P
Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
Jul-2001
logo
Toshiba Semiconductor
TC74LCX86F TOSHIBA-TC74LCX86F_08 Datasheet
188Kb / 10P
Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX32F TOSHIBA-TC74LCX32F_12 Datasheet
216Kb / 10P
Low-Voltage Quad 2-Input OR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX86F TOSHIBA-TC74LCX86F_12 Datasheet
216Kb / 10P
Low-Voltage Quad 2-Input Exclusive OR Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32_08 Datasheet
791Kb / 13P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com