Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPB720 Datasheet (PDF) - OPTEK Technologies

OPB720 Datasheet PDF - OPTEK Technologies
Part # OPB720
Download  OPB720 Download
File Size   155.82 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Long Distance Reflective Switch

OPB720 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB720 Datasheet PDF - OPTEK Technologies

Part # OPB720
Download  OPB720 Click to download

File Size   155.82 Kbytes
Page   2 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Long Distance Reflective Switch

OPB720 Datasheet (HTML) - OPTEK Technologies


OPB720 Product details

Long Distance Reflective Switch

The OPB720 is a reflective switch designed to detect objects as far away as 24” (610 mm). Detectable object sizes can be as small as 0.08” (2mm) at a distance of 8” (20 mm). The OPB720 has a logical output that switches from a high level with no reflection target to a low level with a reflection target. With the addition of hysteresis, the OPB720 minimizes switching oscillations on the output. The open collector output transistor and power requirements is compatible with most PLC’s

OPB720
• Detection distance from 0.04” (1 mm) to 24” (610 mm)
   [maximum distance to be set at the factory]
• Ambient Light Rejection < 100K Lux
• Object size as small as 0.08” (2mm) can be recognized
• Cable Length and Termination options
• Open collector output

Applications include:
• Conveyer belt package recognition
• Personnel movement recognition
• Near focus security systems
• Hand wash and soap dispensing stations
• Toilet and urinal sensors
• Product dispensing systems




Similar Part No. - OPB720

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A OPTEK-OPB720A Datasheet
305Kb / 5P
Long Distance Reflective Switch
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
Long Distance Reflective Switch
logo
OPTEK Technologies
OPB720A-06Z OPTEK-OPB720A-06Z Datasheet
305Kb / 5P
Long Distance Reflective Switch
OPB720A-06Z OPTEK-OPB720A-06Z Datasheet
287Kb / 5P
Long Distance Reflective Switch
More results


Similar Description - OPB720

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB732 OPTEK-OPB732 Datasheet
135Kb / 3P
Long Distance Reflective Switch
logo
Sharp Corporation
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
logo
OPTEK Technologies
OPB720A OPTEK-OPB720A Datasheet
305Kb / 5P
Long Distance Reflective Switch
OPB725 OPTEK-OPB725 Datasheet
195Kb / 3P
Long Distance Reflective Switch
OPB720A OPTEK-OPB720A_14 Datasheet
287Kb / 5P
Long Distance Reflective Switch
logo
TT Electronics.
OPB720A TTELEC-OPB720A Datasheet
989Kb / 5P
Long Distance Reflective Switch
OPB732 TTELEC-OPB732 Datasheet
968Kb / 4P
Long Distance Reflective Switch
OPB720 TTELEC-OPB720 Datasheet
161Kb / 2P
Long Distance Reflective Switch
OPB725 TTELEC-OPB725 Datasheet
200Kb / 3P
Long Distance Reflective Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com