Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS1D3N04C Datasheet (PDF) - ON Semiconductor

NVMJS1D3N04C Datasheet PDF - ON Semiconductor
Part # NVMJS1D3N04C
Download  NVMJS1D3N04C Download
File Size   361.91 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A

NVMJS1D3N04C Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJS1D3N04C Datasheet PDF - ON Semiconductor

Part # NVMJS1D3N04C
Download  NVMJS1D3N04C Click to download

File Size   361.91 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 40 V, 1.3 m, 235 A

NVMJS1D3N04C Datasheet (HTML) - ON Semiconductor


NVMJS1D3N04C Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant




Similar Part No. - NVMJS1D3N04C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS1D0N04C ONSEMI-NVMJS1D0N04C Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.92 m, 300 A
July, 2019 ??Rev. 0
NVMJS1D0N04CTWG ONSEMI-NVMJS1D0N04CTWG Datasheet
361Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.92 m, 300 A
July, 2019 ??Rev. 0
NVMJS1D2N04CL ONSEMI-NVMJS1D2N04CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.2 m, 237 A
July, 2019 ??Rev. 0
NVMJS1D2N04CLTWG ONSEMI-NVMJS1D2N04CLTWG Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.2 m, 237 A
July, 2019 ??Rev. 0
NVMJS1D4N06CL ONSEMI-NVMJS1D4N06CL Datasheet
376Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
October, 2019 ??Rev. 0
More results


Similar Description - NVMJS1D3N04C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2765T1A RENESAS-UPA2765T1A Datasheet
150Kb / 7P
N-channel MOSFET 30 V, 100 A, 1.3 m
logo
ON Semiconductor
NTTFS1D8N02P1E ONSEMI-NTTFS1D8N02P1E Datasheet
183Kb / 7P
MOSFET - Power, Single N-Channel, Power33 25 V, 1.3 m, 150 A
May, 2020 ??Rev. 1
NVTFS5C478NL ONSEMI-NVTFS5C478NL Datasheet
208Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 14 m, 26 A
September, 2019 ??Rev. 2
NTMFSS1D5N06CL ONSEMI-NTMFSS1D5N06CL Datasheet
258Kb / 6P
MOSFET - Power, Single N-Channel, Source-Down TDFN9 60 V, 1.5 m, 235 A
September, 2021-Rev. 1
NTMJS1D3N04C ONSEMI-NTMJS1D3N04C Datasheet
346Kb / 7P
Power MOSFET 40 V, 1.3 m, 235 A, Single N?묬hannel
November, 2018-Rev. 1
NTMJS1D4N06CL ONSEMI-NTMJS1D4N06CL Datasheet
374Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
November, 2019-Rev. 0
NVMFS5H600NL ONSEMI-NVMFS5H600NL Datasheet
196Kb / 8P
MOSFET ??Power, Single N-Channel, DFN5/DFNW5 60 V, 1.3 m, 250 A
September, 2021-Rev. 3
NVMJS1D4N06CL ONSEMI-NVMJS1D4N06CL Datasheet
376Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.3 m, 262 A
October, 2019 ??Rev. 0
NVMFWS1D3N04XM ONSEMI-NVMFWS1D3N04XM Datasheet
148Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.3 m, 195 A
April, 2023 - Rev. 1
NTMFS1D3N04XM ONSEMI-NTMFS1D3N04XM Datasheet
131Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 40 V, 1.3 m, 195 A
June, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com