Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP25DP06LMS Datasheet (PDF) - Infineon Technologies AG

ISP25DP06LMS Datasheet PDF - Infineon Technologies AG
Part # ISP25DP06LMS
Download  ISP25DP06LMS Download
File Size   745.76 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM Small Signal Transistor, -60 V

ISP25DP06LMS Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP25DP06LMS Datasheet PDF - Infineon Technologies AG

Part # ISP25DP06LMS
Download  ISP25DP06LMS Click to download

File Size   745.76 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET OptiMOSTM Small Signal Transistor, -60 V

ISP25DP06LMS Datasheet (HTML) - Infineon Technologies AG


ISP25DP06LMS Product details

Features
• P-Channel
• Very low on-resistance RDS(on) @ VGS=4.5 V
• 100% avalanche tested
• Logic Level
• Enhancement mode
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Product validation
Qualified according to JEDEC Standard




Similar Part No. - ISP25DP06LMS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISP25DP06LM INFINEON-ISP25DP06LM Datasheet
1Mb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26
More results


Similar Description - ISP25DP06LMS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS123I INFINEON-BSS123I Datasheet
1Mb / 10P
OptiMOSTM Small-Signal-Transistor, 100 V
Rev.2.1,2021-02-01
ISP26DP06NMS INFINEON-ISP26DP06NMS Datasheet
643Kb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-25
ISP75DP06LM INFINEON-ISP75DP06LM Datasheet
1Mb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-25
ISP650P06NM INFINEON-ISP650P06NM Datasheet
1Mb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26
ISP13DP06NMS INFINEON-ISP13DP06NMS Datasheet
747Kb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.1,2019-01-30
ISP25DP06LM INFINEON-ISP25DP06LM Datasheet
1Mb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26
ISS17EP06LM INFINEON-ISS17EP06LM Datasheet
1Mb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-25
ISP12DP06NM INFINEON-ISP12DP06NM Datasheet
1Mb / 11P
OptiMOSTM Small Signal Transistor, -60 V
Rev.2.0,2019-03-26
ISP25DP06NM INFINEON-ISP25DP06NM Datasheet
1Mb / 11P
MOSFET OptiMOSTM Small Signal Transistor, -60 V
Rev. 2.0, 2019-03-26
ISS55EP06LM INFINEON-ISS55EP06LM Datasheet
1Mb / 11P
MOSFET OptiMOSTM Small Signal Transistor, -60 V
Rev. 2.0, 2019-04-03
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com