Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP40T Datasheet (PDF) - Infineon Technologies AG

SP40T Datasheet PDF - Infineon Technologies AG
Part # SP40T
Download  SP40T Download
File Size   2520.0 Kbytes
Page   71 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive

SP40T Datasheet (PDF)

Go To PDF Page Download Datasheet
SP40T Datasheet PDF - Infineon Technologies AG

Part # SP40T
Download  SP40T Click to download

File Size   2520.0 Kbytes
Page   71 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive

SP40T Datasheet (HTML) - Infineon Technologies AG


SP40T Product details

Features
Patented Glass-Silicon-Glass MEMS pressure sensor with best-in-class media compatibility
Calibrated pressure sensor for absolute air pressure measurement
Z-axis accelerometer for motion detection and angular measurement
Temperature and supply voltage sensors
Industry-standard 8051 microcontroller with 14K of Flash memory
System Controller with flexible wake-up and power management features
RF Transmitter with fractional-N sigma-delta PLL
Unique firmware functions for determination of angular wheel position, supporting tire localization (APS)
LF Receiver allows carrier detection and modulated telegram reception
Variants
SP40Truck (order code SP400-15-11, product code 0015H) with pressure range up to 1400 kPa
Applications
Valve based TPMS-Modules
OEM
Aftermarket
Retrofit
In Tire TPMS Modules
Description
The SP40T provides a very high level of integration, and is optimized to perform all of the functions necessary to
implement a state-of-the-art Tire Pressure Monitoring System (TPMS) sensor module. With its integrated micro
controller, sensors, and convenient peripherals, the SP40T needs the addition of only a few passive components
and a battery to form a complete TPMS sensor assembly.




Similar Part No. - SP40T

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP40001 SIPAT-SP40001 Datasheet
158Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
SP40001 SIPAT-SP40001 Datasheet
164Kb / 4P
400MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP4001-04UTG LITTELFUSE-SP4001-04UTG Datasheet
144Kb / 1P
The SIM (Subscriber Identification Module) card has 3 data lines that are low-speed and low-voltage
logo
DB Unlimited.
SP400308-1 DBUNLIMITED-SP400308-1 Datasheet
718Kb / 1P
Released from Engineering
SP400616-1 DBUNLIMITED-SP400616-1 Datasheet
563Kb / 1P
Released from Engineering
More results


Similar Description - SP40T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
Tire Pressure Monitoring Sensor Temperature Compensated
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
Tire Pressure Monitoring Sensor
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP30 INFINEON-SP30 Datasheet
376Kb / 14P
Tire Pressure Monitoring Sensor SP30
Rev.5 2009-06-30
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
Tire Pressure Monitoring System TX Module
logo
Infineon Technologies A...
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
Tire Pressure Sensor
06 / 2012
SP370-25-106-0 INFINEON-SP370-25-106-0 Datasheet
393Kb / 2P
Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
Tire Pressure Sensor
06 / 2012
IRF6644PBF INFINEON-IRF6644PBF Datasheet
1Mb / 18P
Quality Requirement Category: Consumer
V2.0 2017-03-28
logo
NXP Semiconductors
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com