Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC277 Datasheet (PDF) - Infineon Technologies AG

TC277 Datasheet PDF - Infineon Technologies AG
Part # TC277
Download  TC277 Download
File Size   3810.9 Kbytes
Page   279 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Micocontroller DC-Step

TC277 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC277 Datasheet PDF - Infineon Technologies AG

Part # TC277
Download  TC277 Click to download

File Size   3810.9 Kbytes
Page   279 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description 32-Bit Single-Chip Micocontroller DC-Step

TC277 Datasheet (HTML) - Infineon Technologies AG


TC277 Product details

1 Summary of Features
The TC27x product family has the following features:
• High Performance Microcontroller with three CPU cores
• Two 32-bit super-scalar TriCore CPUs (TC1.6P), each having the following features:
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Multiply-accumulate unit able to sustain 2 MAC operations per cycle
– Fully pipelined Floating point unit (FPU)
– up to 200 MHz operation at full temperature range
– up to 120 Kbyte Data Scratch-Pad RAM (DSPR)
– up to 32 Kbyte Instruction Scratch-Pad RAM (PSPR)
– 16 Kbyte Instruction Cache (ICACHE)
– 8 Kbyte Data Cache (DCACHE)
• Power Efficient scalar TriCore CPU (TC1.6E), having the following features:
– Binary code compatibility with TC1.6P
– up to 200 MHz operation at full temperature range
– up to 112 Kbyte Data Scratch-Pad RAM (DSPR)
– up to 24 Kbyte Instruction Scratch-Pad RAM (PSPR)
– 8 Kbyte Instruction Cache (ICACHE)
– 0.125Kbyte Data Read Buffer (DRB)
• Lockstepped shadow cores for one TC1.6P and for TC1.6E
• Multiple on-chip memories
– All embedded NVM and SRAM are ECC protected
– up to 4 Mbyte Program Flash Memory (PFLASH)
– up to 384 Kbyte Data Flash Memory (DFLASH) usable for EEPROM emulation
– 32 Kbyte Memory (LMU)
– BootROM (BROM)
• 64-Channel DMA Controller with safe data transfer
• Sophisticated interrupt system (ECC protected)
• High performance on-chip bus structure
– 64-bit Cross Bar Interconnect (SRI) giving fast parallel access between bus masters, CPUs and memories
– 32-bit System Peripheral Bus (SPB) for on-chip peripheral and functional units
– One bus bridge (SFI Bridge)
• Optional Hardware Security Module (HSM) on some variants
• Safety Management Unit (SMU) handling safety monitor alarms
• Memory Test Unit with ECC, Memory Initialization and MBIST functions (MTU)
• Hardware I/O Monitor (IOM) for checking of digital I/O
• Versatile On-chip Peripheral Units
– Four Asynchronous/Synchronous Serial Channels (ASCLIN) with hardware LIN support (V1.3, V2.0, V2.1
and J2602) up to 50 MBaud
– Four Queued SPI Interface Channels (QSPI) with master and slave capability up to 50 Mbit/s
– High Speed Serial Link (HSSL) for serial inter-processor communication up to 320 Mbit/s
– Two serial Micro Second Bus interfaces (MSC) for serial port expansion to external power devices
– One MultiCAN+ Module with 4 CAN nodes and 256 free assignable message objects for high efficiency
data handling via FIFO buffering and gateway data transfer
– 10 Single Edge Nibble Transmission (SENT) channels for connection to sensors
– One FlexRayTM module with 2 channels (E-Ray) supporting V2.1
– One Generic Timer Module (GTM) providing a powerful set of digital signal filtering and timer functionality
to realize autonomous and complex Input/Output management
– One Capture / Compare 6 module (Two kernels CCU60 and CCU61)
– One General Purpose 12 Timer Unit (GPT120)
– Three channel Peripheral Sensor Interface conforming to V1.3 (PSI5)
– Peripheral Sensor Interface with Serial PHY (PSI5-S)
– Optional Inter-Integrated Circuit Bus Interface (I2C) conforming to V2.1
– Optional IEEE802.3 Ethernet MAC with RMII and MII interfaces (ETH)
• Versatile Successive Approximation ADC (VADC)
– Cluster of 8 independent ADC kernels
– Input voltage range from 0 V to 5.5V (ADC supply)
• Delta-Sigma ADC (DSADC)
– Six channels
• Digital programmable I/O ports
• On-chip debug support for OCDS Level 1 (CPUs, DMA, On Chip Buses)
• multi-core debugging, real time tracing, and calibration
• four/five wire JTAG (IEEE 1149.1) or DAP (Device Access Port) interface
• Power Management System and on-chip regulators
• Clock Generation Unit with System PLL and Flexray PLL
• Embedded Voltage Regulator




Similar Part No. - TC277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC277 TI-TC277 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
logo
SHENZHEN FUMAN ELECTRON...
TC277 FUMAN-TC277 Datasheet
306Kb / 6P
Dual Output Hall Sensor IC
logo
Texas Instruments
TC277-20 TI-TC277-20 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC277-30 TI-TC277-30 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
TC277-40 TI-TC277-40 Datasheet
297Kb / 19P
735- 횞 580-PIXEL CCD IMAGE SENSOR
More results


Similar Description - TC277

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E51C WINBOND-W78E51C Datasheet
302Kb / 23P
8 bit micocontroller
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
32-Bit Single-Chip Microcontrollers
logo
Toshiba Semiconductor
TMP87C446N TOSHIBA-TMP87C446N Datasheet
4Mb / 88P
CMOS 8-BIT MICOCONTROLLER
logo
Infineon Technologies A...
TC1736 INFINEON-TC1736 Datasheet
793Kb / 123P
32-Bit Single-Chip Microcontroller
V1.1 2009-08
logo
Renesas Technology Corp
V850E2 RENESAS-V850E2 Datasheet
2Mb / 88P
32-bit Single-Chip Microcontroller
logo
Epson Company
S1C33L03 EPSON-S1C33L03 Datasheet
324Kb / 2P
32-bit Single Chip Microcontroller
S1C33209 EPSON-S1C33209 Datasheet
391Kb / 2P
32-bit Single Chip Microcontroller
logo
Infineon Technologies A...
TC290 INFINEON-TC290 Datasheet
19Mb / 476P
32-Bit Single-Chip Micocontroller
V 1.1, 2015-05
TC212 INFINEON-TC212 Datasheet
2Mb / 191P
32-Bit Single-Chip Micocontroller
V 1.0, 2017-09
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com