Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002889 Datasheet (PDF) - PHOENIX CONTACT

3002889 Datasheet PDF - PHOENIX CONTACT
Part # 3002889
Download  3002889 Download
File Size   437.46 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X1,5-G BN

3002889 Datasheet (PDF)

Go To PDF Page Download Datasheet
3002889 Datasheet PDF - PHOENIX CONTACT

Part # 3002889
Download  3002889 Click to download

File Size   437.46 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 18X1,5-G BN

3002889 Datasheet (HTML) - PHOENIX CONTACT


3002889 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, bridged internally, nom. voltage: 450 V, nominal
current: 17.5 A, connection method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2,
mounting type: adhesive, color: brown

Your advantages
• Space-saving, thanks to the compact design
• Flexible use, thanks to DIN rail and direct mounting
• Space-saving potential distribution, thanks to compact micro potential distributors
• Convenient test options, thanks to test openings at every terminal point
• Clear arrangement thanks to marking of all terminal points




Similar Part No. - 3002889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3002880 PHOENIX-3002880 Datasheet
434Kb / 19P
Distribution block - PTFIX 6X1,5-G YE
Jun 22, 2022
3002881 PHOENIX-3002881 Datasheet
441Kb / 19P
Distribution block - PTFIX 12X1,5-G YE
Jul 6, 2022
3002882 PHOENIX-3002882 Datasheet
444Kb / 18P
Distribution block - PTFIX 18X1,5-G YE
Jul 21, 2022
3002883 PHOENIX-3002883 Datasheet
432Kb / 19P
Distribution block - PTFIX 6X1,5-G GN
Jun 15, 2022
3002884 PHOENIX-3002884 Datasheet
437Kb / 19P
Distribution block - PTFIX 12X1,5-G GN
Jun 22, 2022
More results


Similar Description - 3002889

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1047433 PHOENIX-1047433 Datasheet
133Kb / 10P
Distribution block - PTFIX 4/18X1,5-G BN
09/12/2020
3002886 PHOENIX-3002886 Datasheet
136Kb / 11P
Distribution block - PTFIX 18X1,5-G GN
09/12/2020
1047421 PHOENIX-1047421 Datasheet
501Kb / 22P
Distribution block - PTFIX 4/18X1,5 BN
Jun 15, 2022
3002804 PHOENIX-3002804 Datasheet
436Kb / 19P
Distribution block - PTFIX 18X1,5-G GY
Jun 22, 2022
3002777 PHOENIX-3002777 Datasheet
500Kb / 21P
Distribution block - PTFIX 18X1,5 BN
Jun 24, 2022
1047457 PHOENIX-1047457 Datasheet
439Kb / 20P
Distribution block - PTFIX 4/18X1,5-NS35 BN
Jun 23, 2022
1047445 PHOENIX-1047445 Datasheet
442Kb / 21P
Distribution block - PTFIX 4/18X1,5-NS15A BN
Jul 6, 2022
3002972 PHOENIX-3002972 Datasheet
440Kb / 20P
Distribution block - PTFIX 18X1,5-NS15A BN
Jun 24, 2022
3002892 PHOENIX-3002892 Datasheet
440Kb / 18P
Distribution block - PTFIX 18X1,5-G WH
Jul 21, 2022
3002895 PHOENIX-3002895 Datasheet
439Kb / 18P
Distribution block - PTFIX 18X1,5-G BK
Jul 21, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com