Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3270301 Datasheet (PDF) - PHOENIX CONTACT

3270301 Datasheet PDF - PHOENIX CONTACT
Part # 3270301
Download  3270301 Download
File Size   629.57 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5-3 /WH

3270301 Datasheet (PDF)

Go To PDF Page Download Datasheet
3270301 Datasheet PDF - PHOENIX CONTACT

Part # 3270301
Download  3270301 Click to download

File Size   629.57 Kbytes
Page   28 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Marshalling patchboard - PTMC 1,5-3 /WH

3270301 Datasheet (HTML) - PHOENIX CONTACT


3270301 Product details

Marshalling patchboard, nom. voltage: 500 V, nominal current: 17.5 A, connection
method: Push-in connection, cross section: 0.14 mm2 - 2.5 mm2, mounting: for snapping onto a
DIN rail adapter, for snapping onto a cover flange, color: gray, color of connection
elements: white

Your advantages
• Suitable for DIN rail mounting and panel cutouts with corresponding accessories
• Individual setup thanks to modular principle
• Tool-free wiring in a confined space thanks to compact size
• Individual color assignment of cable and terminal point to ensure error-free, safe operation
• High contact quality thanks to push-in technology as a replacement for Wire-Wrap®, TERMI-POINT®, etc.
• Color configuration possible according to VDE 0812, VDE 0815, DIN 47100 or unlimited.




Similar Part No. - 3270301

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270300 PHOENIX-3270300 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /GY
Jun 3, 2022
3270302 PHOENIX-3270302 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /GY
Jun 2, 2022
3270303 PHOENIX-3270303 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /WH
Jun 2, 2022
More results


Similar Description - 3270301

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3270300 PHOENIX-3270300 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /GY
Jun 3, 2022
3270303 PHOENIX-3270303 Datasheet
618Kb / 28P
Marshalling patchboard - PTMC 1,5-2 /WH
Jun 2, 2022
3270310 PHOENIX-3270310 Datasheet
668Kb / 22P
Marshalling patchboard - PTMC 1,5/32-3
Jun 15, 2022
3270420 PHOENIX-3270420 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /BU
Jun 7, 2022
3270421 PHOENIX-3270421 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /RD
May 17, 2022
3270422 PHOENIX-3270422 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /GN
Jun 7, 2022
3270423 PHOENIX-3270423 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /BN
Jun 7, 2022
3270425 PHOENIX-3270425 Datasheet
629Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /VT
Jun 7, 2022
3270426 PHOENIX-3270426 Datasheet
630Kb / 28P
Marshalling patchboard - PTMC 1,5-3 /OG
Jun 7, 2022
3001907 PHOENIX-3001907 Datasheet
359Kb / 14P
Marshalling patchboard - PTMC 1,5 /3-3 -NS
Jun 23, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com