Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1022 Datasheet (PDF) - Qorvo, Inc

QPD1022 Datasheet PDF - Qorvo, Inc
Part # QPD1022
Download  QPD1022 Download
File Size   2429.8 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 10W, 32V, DC ??12 GHz, GaN RF Transistor

QPD1022 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPD1022 Datasheet PDF - Qorvo, Inc

Part # QPD1022
Download  QPD1022 Click to download

File Size   2429.8 Kbytes
Page   22 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 10W, 32V, DC ??12 GHz, GaN RF Transistor

QPD1022 Datasheet (HTML) - Qorvo, Inc


QPD1022 Product details

Product Features
Frequency: DC to 12 GHz
Output Power (P3dB): 11 W1
Linear Gain: 24.0 dB1
Typical PAE3dB: 68.8 %1
Operating Voltage: 32 V
Low thermal resistance package
CW and Pulse capable
3 x 3 mm package
Note 1: @ 2 GHz (Loadpull)




Similar Part No. - QPD1022

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
QPD1022EVB01 TRIQUINT-QPD1022EVB01 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
QPD1022S2 TRIQUINT-QPD1022S2 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
QPD1022SQ TRIQUINT-QPD1022SQ Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
QPD1022SR TRIQUINT-QPD1022SR Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
More results


Similar Description - QPD1022

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
10W, 32V, DC 6 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
QPD1010 QORVO-QPD1010 Datasheet
2Mb / 25P
10W, 50V, DC ??4 GHz, GaN RF Transistor
October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com