Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7405 Datasheet (PDF) - Analog Devices

AD7405 Datasheet PDF - Analog Devices
Part # AD7405
Download  AD7405 Download
File Size   367.53 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface

AD7405 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7405 Datasheet PDF - Analog Devices

Part # AD7405
Download  AD7405 Click to download

File Size   367.53 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, Isolated Sigma-Delta Modulator, LVDS Interface

AD7405 Datasheet (HTML) - Analog Devices


AD7405 Product details

GENERAL DESCRIPTION
The AD74051 is a high performance, second-order, Σ-Δ modulator that converts an analog input signal into a high speed, single-bit LVDS data stream, with on-chip digital isolation based on Analog Devices, Inc., iCoupler® technology. The AD7405 operates from a 4.5 V to 5.5 V (VDD1) power supply and accepts a differential input signal of ±250 mV (±320 mV full-scale). The differential input is ideally suited to shunt voltage monitoring in high voltage applications where galvanic isolation is required.
The analog input is continuously sampled by a high performance analog modulator, and converted to a ones density digital output stream with a data rate of up to 20 MHz. The original information
can be reconstructed with an appropriate digital filter to achieve 88 dB SNR at 78.1 kSPS. The LVDS input/output can use a 3 V to 5.5 V supply (VDD2).
The LVDS interface is digitally isolated. The LVDS interface technology, combined with monolithic transformer technology, means the on-chip isolation provides outstanding performance characteristics, superior to alternatives such as optocoupler devices. The AD7405 device is offered in a 16-lead, wide-body SOIC_IC package and has an operating temperature range of −40°C to +125°C.

FEATURES
5 MHz to 20 MHz external clock input rate
16 bits, no missing codes
Signal-to-noise ratio (SNR): 88 dB typical
Effective number of bits (ENOB): 14.2 bits typical
Typical offset drift vs. temperature: 1.6 μV/°C
Low voltage differential signaling (LVDS) interface
On-board digital isolator
On-board reference
Full-scale analog input voltage range: ±320 mV
−40°C to + 125°C operating temperature range
High common-mode transient immunity: >25 kV/μs
16-lead, wide-body SOIC_IC, with increased creepage package
Safety and regulatory approvals
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
Maximum working insulation voltage (VIORM): 1250 VPEAK

APPLICATIONS
Shunt current monitoring
AC motor controls
Power and solar inverters
Wind turbine inverters
Data acquisition systems
Analog-to-digital and opto-isolator replacements




Similar Part No. - AD7405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7400 AD-AD7400 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400 AD-AD7400 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
AD7400 AD-AD7400 Datasheet
395Kb / 20P
Isolated Sigma-Delta Modulator
Rev. H
AD7400A AD-AD7400A Datasheet
326Kb / 19P
Isolated Sigma-Delta Modulator
Rev. PrA
More results


Similar Description - AD7405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7402 AD-AD7402 Datasheet
519Kb / 20P
16-Bit, Isolated Sigma-Delta Modulator
REV. A
AD7403 AD-AD7403 Datasheet
655Kb / 25P
16-Bit, Isolated Sigma-Delta Modulator
Rev. B
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-798J AVAGO-ACPL-798J Datasheet
616Kb / 17P
Optically Isolated Sigma-Delta Modulator with LVDS Interface
logo
Analog Devices
ADUM7701 AD-ADUM7701 Datasheet
485Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
3/2019-Revision 0
ADUM7702 AD-ADUM7702 Datasheet
493Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
7/2020-Revision 0
ADUM7704 AD-ADUM7704 Datasheet
384Kb / 22P
16-Bit, Isolated, Sigma-Delta Modulator
8/2020-Revision 0
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com