Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2463E Datasheet (PDF) - Analog Devices

ADM2463E Datasheet PDF - Analog Devices
Part # ADM2463E
Download  ADM2463E Download
File Size   380.02 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD

ADM2463E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2463E Datasheet PDF - Analog Devices

Part # ADM2463E
Download  ADM2463E Click to download

File Size   380.02 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD

ADM2463E Datasheet (HTML) - Analog Devices


ADM2463E Product details

GENERAL DESCRIPTION
The ADM2461E/ADM2463E are 500 kbps, 5.7 kV rms, signal
isolated RS-485 transceivers that pass radiated emissions testing to
the EN55032 Class B standard with margin on a 2-layer printed
circuit board (PCB). The ADM2461E/ADM2463E isolation barrier provides robust immunity to noise and system level EMC
events. The devices are protected against ≥±12 kV contact and ≥ ±15 kV air IEC61000-4-2 electrostatic discharge (ESD) events
on the RS-485 A, B, Y, and Z pins. The devices feature cable invert
pins to allow quick correction of the reversed cable connection
on the A, B, Y, and Z bus pins while maintaining full receiver
fail-safe performance.
These devices are optimized for low speed over long cable runs and have a maximum data rate of 500 kbps. The high differential
output voltage makes these devices suitable for Profibus nodes
when powered with 5 V on the VDD2 supply. The VDD1 primary
supply and VDD2 isolated supply both support a wide range of
voltages (1.7 V to 5.5 V and 3 V to 5.5 V, respectively). Half-
duplex and full duplex device options are available in the industry standard 16-lead, wide-body, standard SOIC_W package with >8.0 mm creepage and clearance.

FEATURES
5.7 kV rms, signal isolated RS-485/RS-422 transceiver
Low radiated emissions, passes EN55032 Class B with margin on a 2-layer PCB
Cable inversion smart feature Correction for reversed cable connection on A, B, Y, and Z bus
pins while maintaining full receiver fail-safe ESD protection on the RS-485 A, B, Y, and Z bus pins
≥±12 kV IEC61000-4-2 contact discharge ≥±15 kV IEC61000-4-2 air discharge
Low speed 500 kbps data rate for EMI control Flexible power supply inputs
Primary VDD1 supply of 1.7 V to 5.5 V Isolated VDD2 supply of 3.0 V to 5.5 V Profibus® compliant for 5 V VDD2
Wide −40°C to +125°C operating temperature range High common-mode transient immunity: >250 kV/μs Short-circuit, open-circuit, and floating input receiver fail-safe Supports 192 bus nodes (72 kΩ receiver input impedance) Full hot swap support (glitch free power-up and power-down) Safety and regulatory approvals (pending)
CSA Component Acceptance Notice 5A, DIN V VDE V 0884-11,
UL 1577, CQC11-471543-2012, IEC 61010-1 16-lead, wide body, SOIC_W package with >8.0 mm
creepage and clearance in standard pinout

APPLICATIONS
Heating, ventilation, and air conditioning (HVAC) networks
Industrial field buses Building automation
Utility networks




Similar Part No. - ADM2463E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM240 ETC2-ADM240 Datasheet
106Kb / 1P
POTENTIOMETER TRANSMITTER
logo
Analog Devices
ADM241L AD-ADM241L Datasheet
364Kb / 16P
5 V Powered CMOS RS-232 Drivers/Receivers
REV.0
ADM241L AD-ADM241L Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L Datasheet
304Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L Datasheet
281Kb / 20P
5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results


Similar Description - ADM2463E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
logo
Texas Instruments
THVD1500 TI1-THVD1500 Datasheet
953Kb / 29P
300 kbps RS-485 Transceivers With 8-kV IEC ESD Protection
logo
Analog Devices
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
8/2020-Rev. A to Rev. B
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com