Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2482E Datasheet (PDF) - Analog Devices

ADM2482E Datasheet PDF - Analog Devices
Part # ADM2482E
Download  ADM2482E Download
File Size   670.79 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver

ADM2482E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2482E Datasheet PDF - Analog Devices

Part # ADM2482E
Download  ADM2482E Click to download

File Size   670.79 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver

ADM2482E Datasheet (HTML) - Analog Devices


ADM2482E Product details

GENERAL DESCRIPTION
The ADM2482E/ADM2487E are isolated data transceivers with ±15 kV ESD protection and are suitable for high speed, half-duplex or full-duplex communication on multipoint transmission lines. For half-duplex operation, the transmitter outputs and receiver inputs share the same transmission line. Transmitter Output Pin Y is linked externally to Receiver Input Pin A, and Transmitter Output Pin Z to Receiver Input Pin B. The parts are designed for balanced transmission lines and comply with TIA/EIA-485-A-98 and ISO 8482:1987(E).
The devices employ the Analog Devices, Inc., iCoupler® technology to combine a 3-channel isolator, a three-state differential line driver, and a differential input receiver into a single package. An on-chip oscillator outputs a pair of square waveforms that drive an external transformer to provide isolated
power. The logic side of the device is powered with either a 5 V or a 3.3 V supply, and the bus side is powered with an isolated 3.3 V supply.
The ADM2482E/ADM2487E driver has an active high enable, and the receiver has an active low enable. The driver output enters a high impedance state when the driver enable signal is low. The receiver output enters a high impedance state when the receiver enable signal is high.
The device has current-limiting and thermal shutdown features to protect against output short circuits and situations where bus contention might cause excessive power dissipation. The part is fully specified over the industrial temperature range of −40°C to +85°C and is available in a 16-lead, wide-body SOIC package.

FEATURES
Isolated RS-485/RS-422 transceivers, configurable as half duplex or full duplex
Integrated oscillator driver for external transformer
±15 kV ESD protection on RS-485 input/output pins
Complies with TIA/EIA-485-A-98 and ISO 8482:1987(E)
Data rate: 500 kbps/16 Mbps
5 V or 3.3 V operation (VDD1)
256 nodes on bus
True fail-safe receiver inputs
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
VDE certificates of conformity
DIN VVDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
Thermal shutdown protection
Operating temperature range: −40°C to +85°C
Wide-body, 16-lead SOIC package

APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
Multipoint data transmission systems




Similar Part No. - ADM2482E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2482E AD-ADM2482E Datasheet
643Kb / 20P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
ADM2482E AD-ADM2482E Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2482EBRWZ AD-ADM2482EBRWZ Datasheet
643Kb / 20P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
ADM2482EBRWZ AD-ADM2482EBRWZ Datasheet
801Kb / 18P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
Rev. B
ADM2482EBRWZ-REEL7 AD-ADM2482EBRWZ-REEL7 Datasheet
643Kb / 20P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
More results


Similar Description - ADM2482E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2482E AD-ADM2482E Datasheet
643Kb / 20P
2.5 kV Isolated RS-485 Transceivers with Integrated Transformer Driver
REV. 0
logo
Texas Instruments
ISO1176T TI-ISO1176T Datasheet
494Kb / 24P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
logo
Analog Devices
ADM2485 AD-ADM2485_07 Datasheet
587Kb / 20P
High Speed, Isolated RS-485 Transceiver with Integrated Transformer Driver
REV. A
logo
Texas Instruments
ISO1176T_1108 TI-ISO1176T_1108 Datasheet
674Kb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T Datasheet
740Kb / 25P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T Datasheet
519Kb / 24P
Isolated 5V RS-485 Transceiver With Integrated Transformer Driver
ISO1176T TI1-ISO1176T_13 Datasheet
1Mb / 27P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO1176T TI1-ISO1176T_14 Datasheet
1Mb / 28P
Isolated Profibus RS-485 Transceiver with Integrated Transformer Driver
ISO35T TI1-ISO35T_15 Datasheet
1Mb / 31P
Isolated 3.3V RS-485 Transceiver With Integrated Transformer Driver
ISO3086T TI1-ISO3086T_15 Datasheet
1Mb / 31P
Isolated 5-V RS-485 Transceiver With Integrated Transformer Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com