Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2483 Datasheet (PDF) - Analog Devices

ADM2483 Datasheet PDF - Analog Devices
Part # ADM2483
Download  ADM2483 Download
File Size   401.44 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Half-Duplex, iCoupler Isolated RS-485 Transceiver

ADM2483 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2483 Datasheet PDF - Analog Devices

Part # ADM2483
Download  ADM2483 Click to download

File Size   401.44 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Half-Duplex, iCoupler Isolated RS-485 Transceiver

ADM2483 Datasheet (HTML) - Analog Devices


ADM2483 Product details

GENERAL DESCRIPTION
The ADM2483 differential bus transceiver is an integrated, galvanically isolated component designed for bidirectional data communication on balanced, multipoint bus transmission lines. It complies with ANSI EIA/TIA-485-A and ISO 8482: 1987(E). Using the iCoupler technology from Analog Devices, Inc., the ADM2483 combines a 3-channel isolator, a three-state differential line driver, and a differential input receiver into a single package. The logic side of the device is powered with either a 5 V or 3 V supply, and the bus side uses a 5 V supply only.
The ADM2483 is slew-limited to reduce reflections with improperly terminated transmission lines. The controlled slew rate limits the data rate to 500 kbps. The device’s input impedance is 96 kΩ, allowing up to 256 transceivers on the bus. Its driver has an active-high enable feature. The driver differential outputs and receiver differential inputs are connected internally to form a differential input/output (I/O) port.
When the driver is disabled or when VDD1 or VDD2 = 0 V, this imposes minimal loading on the bus. An active-high receiver disable feature, which causes the receive output to enter a high impedance state, is provided as well.
The receiver inputs have a true fail-safe feature that ensures a logic-high receiver output level when the inputs are open or shorted. This guarantees that the receiver outputs are in a known state before communication begins and at the point when communication ends.
Current limiting and thermal shutdown features protect against output short circuits and bus contention situations that might cause excessive power dissipation. The part is fully specified over the industrial temperature range and is available in a 16-lead, wide body SOIC package.

FEATURES
RS-485 transceiver with electrical data isolation
Complies with ANSI TIA/EIA RS-485-A and ISO 8482: 1987(E)
500 kbps data rate
Slew rate-limited driver outputs
Low power operation: 2.5 mA max
Suitable for 5 V or 3 V operations (VDD1)
High common-mode transient immunity: >25 kV/μs
True fail-safe receiver inputs
Chatter-free power-up/power-down protection
256 nodes on bus
Thermal shutdown protection
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice 5A
IEC 60950-1 800 V rms (basic), 400 V rms (reinforced)
VDE Certificate of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 560 V peak (reinforced)
VIORM(DC) = 1500 V dc
CQC certification per GB4943.1-2011
Operating temperature range: −40°C to +85°C

APPLICATIONS
Low power RS-485/RS-422 networks
Isolated interfaces
Building control networks
Multipoint data transmission systems




Similar Part No. - ADM2483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2483 AD-ADM2483 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2483BRW AD-ADM2483BRW Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2483BRW-REEL AD-ADM2483BRW-REEL Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2483BRWZ AD-ADM2483BRWZ Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
More results


Similar Description - ADM2483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2483BRWZ-REEL AD-ADM2483BRWZ-REEL Datasheet
244Kb / 20P
Half-Duplex, iCoupler짰 Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com