Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2484E Datasheet (PDF) - Analog Devices

ADM2484E Datasheet PDF - Analog Devices
Part # ADM2484E
Download  ADM2484E Download
File Size   377.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver

ADM2484E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2484E Datasheet PDF - Analog Devices

Part # ADM2484E
Download  ADM2484E Click to download

File Size   377.23 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver

ADM2484E Datasheet (HTML) - Analog Devices


ADM2484E Product details

GENERAL DESCRIPTION
The ADM2484E is an isolated data transceiver with ±15 kV ESD protection suitable for high speed, half- or full-duplex communication on multipoint transmission lines. For half-duplex operation, the transmitter outputs and receiver inputs share the same transmission line. Transmitter Output Pin Y links externally to Receiver Input Pin A, and Transmitter Output Pin Z links externally to Receiver Input Pin B.
Designed for balanced transmission lines, the ADM2484E complies with ANSI TIA/EIA RS-485-A-1998 and ISO 8482: 1987(E). The device employs Analog Devices, Inc., iCoupler® technology to combine a 3-channel isolator, a three-state differential line driver, and a differential input receiver into a single package.
The differential transmitter outputs and receiver inputs feature electrostatic discharge circuitry that provides protection up to ±15 kV using the human body model (HBM). The logic side of the device can be powered with either a 5 V or a 3.3 V supply, whereas the bus side requires an isolated 3.3 V supply.
The device has current-limiting and thermal shutdown features to protect against output short circuits and situations where bus contention causes excessive power dissipation.

FEATURES
Isolated, RS-485/RS-422 transceiver, configurable as half- or full-duplex
±15 kV ESD protection on RS-485 input/output pins
500 kbps data rate
Complies with ANSI TIA/EIA RS-485-A-1998 and ISO 8482: 1987(E)
Suitable for 5 V or 3.3 V operation (VDD1)
High common-mode transient immunity: >25 kV/μs
True fail-safe receiver inputs
256 nodes on the bus
Thermal shutdown protection
Safety and regulatory approvals
UL recognition
5000 V rms isolation voltage for 1 minute per UL1577
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Reinforced insulation, VIORM = 849 VPEAK
CSA Component Acceptance Notice 5A
IEC 60950-1: 390 V rms (reinforced)
Operating temperature range: −40°C to +85°C
Wide body, 16-lead SOIC package

APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
INTERBUS
Multipoint data transmission systems




Similar Part No. - ADM2484E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2484EBRWZ AD-ADM2484EBRWZ Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484EBRWZ-REEL7 AD-ADM2484EBRWZ-REEL7 Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
More results


Similar Description - ADM2484E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2483 AD-ADM2483 Datasheet
489Kb / 20P
Half-Duplex iCoupler-R Isolated RS-485 Transceiver
10/04-Revision 0
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
10/06-Revision 0
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2481 AD-ADM2481_V01 Datasheet
364Kb / 17P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com