Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2491E Datasheet (PDF) - Analog Devices

ADM2491E Datasheet PDF - Analog Devices
Part # ADM2491E
Download  ADM2491E Download
File Size   423.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver

ADM2491E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2491E Datasheet PDF - Analog Devices

Part # ADM2491E
Download  ADM2491E Click to download

File Size   423.1 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver

ADM2491E Datasheet (HTML) - Analog Devices


ADM2491E Product details

GENERAL DESCRIPTION
The ADM2491E is an isolated data transceiver with ±8 kV ESD protection and is suitable for high speed, half- or full-duplex communication on multipoint transmission lines. For half-
duplex operation, the transmitter outputs and the receiver
inputs share the same transmission line. Transmitter output Pin Y is linked externally to receiver input Pin A, and transmit-
ter output Pin Z is linked to receiver input Pin B. The ADM2491E is designed for balanced transmission lines
and complies with ANSI TIA/EIA RS-485-A-1998 and ISO
8482: 1987(E). The device employs Analog Devices, Inc.,
iCoupler® technology to combine a 3-channel isolator, a three-
state differential line driver, and a differential input receiver into
a single package.
The differential transmitter outputs and receiver inputs feature
electrostatic discharge circuitry that provides protection to ±8 kV using the human body model (HBM). The logic side of the device can be powered with either a 5 V or a 3.3 V supply,
whereas the bus side requires an isolated 5 V supply.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations in which
bus contention could cause excessive power dissipation. The ADM2491E is available in a wide body, 16-lead SOIC package
and operates over the −40°C to +85°C temperature range.

FEATURES Isolated, RS-485/RS-422 transceiver, configurable as half- or
full-duplex ±8 kV ESD protection on RS-485 input/output pins
16 Mbps data rate
Complies with ANSI TIA/EIA RS-485-A-1998 and ISO 8482: 1987(E)
Suitable for 5 V or 3.3 V operation (VDD1)
High common-mode transient immunity: >25 kV/μs
Receiver has open-circuit, fail-safe design
32 nodes on the bus Thermal shutdown protection Safety and regulatory approvals UL recognition: 5000 V rms isolation voltage for 1 minute, per UL 1577
VDE certificate of conformity DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Reinforced insulation, VIORM = 849 V peak Operating temperature range: −40°C to +85°C
Wide body, 16-lead SOIC package

APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks INTERBUS
Multipoint data transmission systems




Similar Part No. - ADM2491E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2491E AD-ADM2491E Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2491EBRWZ-REEL7 AD-ADM2491EBRWZ-REEL7 Datasheet
410Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
More results


Similar Description - ADM2491E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
3/05-Rev. B to Rev. C
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
10/06-Revision 0
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2481 AD-ADM2481 Datasheet
282Kb / 20P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2491EBRWZ AD-ADM2491EBRWZ Datasheet
410Kb / 16P
High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
REV. B
ADM2483 AD-ADM2483_V01 Datasheet
401Kb / 18P
Half-Duplex, iCoupler Isolated RS-485 Transceiver
Rev. F
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com