Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2582E Datasheet (PDF) - Analog Devices

ADM2582E Datasheet PDF - Analog Devices
Part # ADM2582E
Download  ADM2582E Download
File Size   518.24 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection

ADM2582E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM2582E Datasheet PDF - Analog Devices

Part # ADM2582E
Download  ADM2582E Click to download

File Size   518.24 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection

ADM2582E Datasheet (HTML) - Analog Devices


ADM2582E Product details

GENERAL DESCRIPTION
The ADM2582E/ADM2587E are fully integrated signal and power isolated data transceivers with ±15 kV ESD protection and are suitable for high speed communication on multipoint transmission lines. The ADM2582E/ADM2587E include an integrated isolated dc-to-dc power supply, which eliminates the need for an external dc-to-dc isolation block.
They are designed for balanced transmission lines and comply with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E).
The devices integrate Analog Devices, Inc., iCoupler® technology to combine a 3-channel isolator, a three-state differential line driver, a differential input receiver, and Analog Devices isoPower® dc-to-dc converter into a single package. The devices are powered by a single 5 V or 3.3 V supply, realizing a fully integrated signal and power isolated RS-485 solution.
The ADM2582E/ADM2587E driver has an active high enable. An active low receiver enable is also provided, which causes the receiver output to enter a high impedance state when disabled.
The devices have current limiting and thermal shutdown features to protect against output short circuits and situations where bus contention may cause excessive power dissipation. The parts are fully specified over the industrial temperature range and are available in a highly integrated, 20-lead, wide-body SOIC package.
The ADM2582E/ADM2587E contain isoPower technology that uses high frequency switching elements to transfer power through the transformer. Special care must be taken during printed circuit board (PCB) layout to meet emissions standards. Refer to the AN-0971 Application Note, Control of Radiated Emissions with isoPower Devices, for details on board layout considerations.

FEATURES
Isolated RS-485/RS-422 transceiver, configurable as half or full duplex
isoPower integrated isolated dc-to-dc converter
±15 kV ESD protection on RS-485 input/output pins
Complies with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E)
ADM2582E data rate: 16 Mbps
ADM2587E data rate: 500 kbps
5 V or 3.3 V operation
Connect up to 256 nodes on one bus
Open- and short-circuit, fail-safe receiver inputs
High common-mode transient immunity: >25 kV/μs
Thermal shutdown protection
Safety and regulatory approvals
UL recognition: 2500 V rms for 1 minute per UL 1577
VDE Certificates of Conformity
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01
VIORM = 560 V peak
Operating temperature range: −40°C to +85°C
Highly integrated, 20-lead, wide-body SOIC package

APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
Multipoint data transmission systems




Similar Part No. - ADM2582E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM2582EBRWZ AD-ADM2582EBRWZ Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582EBRWZ-REEL7 AD-ADM2582EBRWZ-REEL7 Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
More results


Similar Description - ADM2582E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3318 TI-TRS3318 Datasheet
342Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
logo
Texas Instruments
TRS3318 TI-TRS3318_08 Datasheet
382Kb / 17P
2.5-V 460-kbps RS-232 TRANSCEIVER WITH 짹15-kV ESD PROTECTION
logo
Analog Devices
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
8/2020-Rev. A to Rev. B
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com