Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GHR16 Datasheet (PDF) - Vishay Siliconix

GHR16 Datasheet PDF - Vishay Siliconix
Part # GHR16
Download  GHR16 Download
File Size   81.66 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Photoflash Fast Plastic Rectifier

GHR16 Datasheet (PDF)

Go To PDF Page Download Datasheet
GHR16 Datasheet PDF - Vishay Siliconix

Part # GHR16
Download  GHR16 Click to download

File Size   81.66 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Photoflash Fast Plastic Rectifier

GHR16 Datasheet (HTML) - Vishay Siliconix


GHR16 Product details

FEATURES
• Fast switching for high efficiency
• Low leakage current
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912

TYPICAL APPLICATIONS
For use in high voltage rectification of photoflash
application.

MECHANICAL DATA
Case: R-1
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end




Similar Part No. - GHR16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GHR16 VISHAY-GHR16 Datasheet
28Kb / 2P
Photoflash Rectifier
22-Feb-02
logo
GOOD-ARK Electronics
GHR16 GOOD-ARK-GHR16 Datasheet
140Kb / 2P
Photoflash Rectifiers
logo
Vishay Siliconix
GHR16 VISHAY-GHR16 Datasheet
66Kb / 4P
Photoflash Rectifier
10-Nov-09
GHR16 VISHAY-GHR16_09 Datasheet
66Kb / 4P
Photoflash Rectifier
10-Nov-09
More results


Similar Description - GHR16

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
PR1000 GOOD-ARK-PR1000 Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
PR1000R GOOD-ARK-PR1000R Datasheet
49Kb / 2P
PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16 Datasheet
28Kb / 2P
Photoflash Rectifier
22-Feb-02
logo
MIC GROUP RECTIFIERS
PR1000 MIC-PR1000 Datasheet
142Kb / 2P
PHOTOFLASH RECTIFIER
logo
Chenmko Enterprise Co. ...
PR1000FPT CHENMKO-PR1000FPT Datasheet
77Kb / 2P
PHOTOFLASH RECTIFIER
PR1000PT CHENMKO-PR1000PT Datasheet
75Kb / 2P
PHOTOFLASH RECTIFIER
logo
Vishay Siliconix
GHR16 VISHAY-GHR16_09 Datasheet
66Kb / 4P
Photoflash Rectifier
10-Nov-09
logo
Shenzhen Luguang Electr...
PR1000 LUGUANG-PR1000 Datasheet
60Kb / 2P
PHOTOFLASH RECTIFIER
logo
Nantong Hornby Electron...
1F1X HORNBY-1F1X Datasheet
219Kb / 3P
PHOTOFLASH FAST RECOVERY RECTIFIER
RL1N1X00F HORNBY-RL1N1X00F Datasheet
236Kb / 3P
PHOTOFLASH FAST RECOVERY RECTIFIER
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com